Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM327LP Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM327LP
Description  Automatically searches for protocols
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327LP Datasheet(HTML) 1 Page - ELM Electronics

  ELM327LP Datasheet HTML 1Page - ELM Electronics ELM327LP Datasheet HTML 2Page - ELM Electronics ELM327LP Datasheet HTML 3Page - ELM Electronics ELM327LP Datasheet HTML 4Page - ELM Electronics ELM327LP Datasheet HTML 5Page - ELM Electronics ELM327LP Datasheet HTML 6Page - ELM Electronics ELM327LP Datasheet HTML 7Page - ELM Electronics ELM327LP Datasheet HTML 8Page - ELM Electronics ELM327LP Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
ELM327L
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
OBD to RS232 Interpreter
The ELM327L is a low voltage version of our
popular ELM327 integrated circuit. It supports all of
the features of our current ELM327 IC, and only
differs physically in how pin 6 is used.
The following pages discuss the ELM327L in
detail, how to use it and how to configure it, as well
as providing some background information on the
protocols
that
are
supported.
There
are
also
schematic diagrams and tips to help you to interface
to microprocessors, construct a basic scan tool, and
to use the low power mode. Because of the similarity
with the ELM327, much of this data sheet has been
copied from the ELM327 data sheet.
Throughout this document, we will use the term
‘ELM327’ to refer to either the ELM327 or the
ELM327L. If there is something different between
the two, we will be specific as to which it applies to.
• Works with a 2.0V to 5.5V supply
• Universal serial (RS232) interface
• Automatically searches for protocols
• Fully configurable with AT commands
• Low power CMOS design
• Diagnostic trouble code readers
• Automotive scan tools
• Teaching aids
Description
Applications
Block Diagram
Features
1 of 94
Connection Diagram
PDIP and SOIC
(top view)
OBD Tx LED
OBD Rx LED
RS232 Tx LED
RS232 Rx LED
CAN Rx
CAN Tx
ISO L
ISO K
VDD
RS232 Rx
RS232 Tx
PwrCtrl / Busy
IgnMon / RTS
MCLR
Memory
Filter Cap
LFmode
J1850 Volts
XT1
XT2
VSS
ISO In
PWM In
J1850 Bus+
VPW In
J1850 Bus-
Vmeasure
VSS
ELM327L DSA
18
17
Command
and
Protocol
Interpreter
6
RS232Tx
RS232Rx
RS232
Interface
2
ISO 15765-4
SAE J1939
ISO 9141-2
ISO 14230-4
SAE J1850
PWM & VPW
24
23
A/D
Converter
15
16
Filter Cap
OBD interfaces
1
PwrCtrl / Busy
12
22
21
11
13
4
3
14
4.00 MHz
9
10
XT1
XT2
MCLR
Vmeasure
IgnMon / RTS
26
27
status LEDs
25
28
Power
Control
LDO
Regulator
LFmode 7
5
Memory


Similar Part No. - ELM327LP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM327L ETC1-ELM327L Datasheet
24Kb / 5P
OBD to RS232 Interpreter
More results

Similar Description - ELM327LP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1212003U1000 ETC2-1212003U1000 Datasheet
2Mb / 4P
Minimized skew for parallel transmission protocols
logo
Level One
FVS-3800 LVL1-FVS-3800 Datasheet
1Mb / 3P
ICMP and ARP protocols supported
logo
PHOENIX CONTACT
2701072 PHOENIX-2701072 Datasheet
72Kb / 4P
Automatically recognized by the firmware
2701328 PHOENIX-2701328 Datasheet
79Kb / 4P
Automatically recognized by the firmware
2701960 PHOENIX-2701960 Datasheet
66Kb / 3P
Automatically recognized by the firmware
logo
Injoinic Technology Co....
IP2161 INJOINIC-IP2161 Datasheet
1Mb / 9P
Integrated 7 protocols for fast charging protocol ICs for USB ports
IP2163 INJOINIC-IP2163 Datasheet
1,002Kb / 11P
Integrated 9 protocols for fast charging protocol ICs for USB ports
IP2701 INJOINIC-IP2701 Datasheet
976Kb / 10P
Integrated 8 protocols for fast charging protocol ICs for USB ports
IP2703 INJOINIC-IP2703 Datasheet
897Kb / 11P
Integrated 10 protocols for fast charging protocol ICs for USB ports
IP2705 INJOINIC-IP2705 Datasheet
905Kb / 11P
Integrated 10 protocols for fast charging protocol ICs for USB ports
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com