Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RRL035P03FRA Datasheet(PDF) 1 Page - Rohm

Part # RRL035P03FRA
Description  Pch -30V -3.5A Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RRL035P03FRA Datasheet(HTML) 1 Page - Rohm

  RRL035P03FRA Datasheet HTML 1Page - Rohm RRL035P03FRA Datasheet HTML 2Page - Rohm RRL035P03FRA Datasheet HTML 3Page - Rohm RRL035P03FRA Datasheet HTML 4Page - Rohm RRL035P03FRA Datasheet HTML 5Page - Rohm RRL035P03FRA Datasheet HTML 6Page - Rohm RRL035P03FRA Datasheet HTML 7Page - Rohm RRL035P03FRA Datasheet HTML 8Page - Rohm RRL035P03FRA Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Datasheet
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
RRL035P03
Pch -30V -3.5A Power MOSFET
Junction temperature
Tj
150
°C
Range of storage temperature
Tstg
55 to 150
°C
Power dissipation
Gate - Source voltage
VGSS
r20
V
PD
*3
1.0
W
PD
*4
0.32
W
Continuous drain current
ID
*1
r3.5
A
Pulsed drain current
ID,pulse
*2
r14
A
Drain - Source voltage
VDSS
30
V
Taping code
TR
Marking
UF
zAbsolute maximum ratings(T
a = 25°C)
Parameter
Symbol
Value
Unit
zPackaging specifications
Type
Packaging
Taping
zApplication
Reel size (mm)
180
DC/DC converters
Tape width (mm)
8
Basic ordering unit (pcs)
3,000
zFeatures
zInner circuit
1) Low on - resistance.
2) Built-in G-S Protection Diode.
3) Small Surface Mount Package (TUMT6).
4) Pb-free lead plating ; RoHS compliant
zOutline
VDSS
30V
TUMT6
RDS(on) (Max.)
50m
:
ID
3.5A
PD
1.0W
(1)
(2)
(3)
(4)
(5)
(6)
1 ESD PROTECTION DIODE
2 BODY DIODE
(1) Drain
(2) Drain
(3) Gate
(4) Source
(5) Drain
(6) Drain
1/11
2012.09 - Rev.B
2016.06 - Rev.B
FRA
5) AEC-Q101 Qualified


Similar Part No. - RRL035P03FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RRL035P03 ROHM-RRL035P03 Datasheet
375Kb / 6P
4V Drive Pch MOSFET
logo
VBsemi Electronics Co.,...
RRL035P03 VBSEMI-RRL035P03 Datasheet
1Mb / 9P
P-Channel 20 V (D-S) MOSFET
More results

Similar Description - RRL035P03FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RRH040P03TB1 ROHM-RRH040P03TB1 Datasheet
561Kb / 12P
Pch -30V -4A Power MOSFET
RQ5E035BN ROHM-RQ5E035BN Datasheet
1Mb / 12P
Nch 30V 3.5A Power MOSFET
UT6JA2 ROHM-UT6JA2 Datasheet
2Mb / 14P
-30V PchPch Middle Power MOSFET
SP8J66FRA ROHM-SP8J66FRA Datasheet
2Mb / 15P
-30V Pch Pch Power MOSFET
RQ5C035BC ROHM-RQ5C035BC Datasheet
2Mb / 13P
Pch -20V -3.5A Middle Power MOSFET
RQ5E035AT ROHM-RQ5E035AT Datasheet
2Mb / 15P
Pch -30V -3.5A Small Signal MOSFET
TT8J3 ROHM-TT8J3 Datasheet
2Mb / 13P
-30V PchPch Middle Power MOSFET
RSQ035P03HZG ROHM-RSQ035P03HZG Datasheet
2Mb / 15P
Pch -30V -3.5A Small Signal MOSFET
TT8J2TR ROHM-TT8J2TR Datasheet
2Mb / 12P
-30V Pch Pch Middle Power MOSFET
RQ6L035AT ROHM-RQ6L035AT Datasheet
2Mb / 14P
Pch -60V -3.5A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com