Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RRL035P03FRA Datasheet(PDF) 4 Page - Rohm

Part # RRL035P03FRA
Description  Pch -30V -3.5A Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RRL035P03FRA Datasheet(HTML) 4 Page - Rohm

  RRL035P03FRA Datasheet HTML 1Page - Rohm RRL035P03FRA Datasheet HTML 2Page - Rohm RRL035P03FRA Datasheet HTML 3Page - Rohm RRL035P03FRA Datasheet HTML 4Page - Rohm RRL035P03FRA Datasheet HTML 5Page - Rohm RRL035P03FRA Datasheet HTML 6Page - Rohm RRL035P03FRA Datasheet HTML 7Page - Rohm RRL035P03FRA Datasheet HTML 8Page - Rohm RRL035P03FRA Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
RRL035P03
zElectrical characteristic curves
1
10
100
1000
0.0001
0.01
1
100
T
a=25ºC
Single Pulse
0.01
0.1
1
10
100
0.1
1
10
100
T
a=25ºC
Single Pulse
Mounted on a ceramic board.
(30mm
30mm
0.8mm)
Operation in this area
is limited by R
DS(on)
(V
GS = 10V)
P
W = 100Ps
P
W = 1ms
P
W = 10ms
DC Operation
0
20
40
60
80
100
120
0
50
100
150
200
0.001
0.01
0.1
1
10
0.0001
0.01
1
100
top D = 1
D = 0.5
D = 0.1
D = 0.05
D = 0.01
bottom Single
T
a=25ºC
Single Pulse
Rth(ch-a)=125ºC/W
Rth(ch-a)(t)=r(t)
Rth(ch-a)
Mounted on ceramic board
(30mm
30mm
0.8mm)
Fig.1 Power Dissipation Derating Curve
Fig.2 Maximum Safe Operating Area
Fig.3 Normalized Transient Thermal
Resistance vs. Pulse Width
Fig.4 Single Pulse Maxmum Power
dissipation
Pulse Width : P
W [s]
Pulse Width : P
W [s]
Junction Temperature : Tj [ C]
Drain - Source Voltage : -V
DS [V]
4/11
2012.09 - Rev.B
FRA
2016.06 - Rev.B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com