Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RRL035P03FRA Datasheet(PDF) 8 Page - Rohm

Part # RRL035P03FRA
Description  Pch -30V -3.5A Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RRL035P03FRA Datasheet(HTML) 8 Page - Rohm

Back Button RRL035P03FRA Datasheet HTML 4Page - Rohm RRL035P03FRA Datasheet HTML 5Page - Rohm RRL035P03FRA Datasheet HTML 6Page - Rohm RRL035P03FRA Datasheet HTML 7Page - Rohm RRL035P03FRA Datasheet HTML 8Page - Rohm RRL035P03FRA Datasheet HTML 9Page - Rohm RRL035P03FRA Datasheet HTML 10Page - Rohm RRL035P03FRA Datasheet HTML 11Page - Rohm RRL035P03FRA Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
RRL035P03
zElectrical characteristic curves
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
T
a=25ºC
V
DD= 15V
I
D= 3.5A
R
G=10:
Pulsed
1
10
100
1000
10000
0.01
0.1
1
10
T
a=25ºC
V
DD= 15V
V
GS= 10V
R
G=10:
Pulsed
t
r
t
f
t
d(on)
t
d(off)
1
10
100
1000
0.1
1
10
V
GS= 4.0V
Pulsed
T
a=125ºC
T
a=75ºC
T
a=25ºC
T
a= 25ºC
10
100
1000
10000
0.01
0.1
1
10
100
C
oss
C
rss
C
iss
T
a = 25ºC
f = 1MHz
V
GS = 0V
Fig.17 Static Drain - Source On - State
Resistance vs. Drain Current(IV)
Drain Current : -I
D [A]
Fig.18 Typical Capacitance
vs. Drain - Source Voltage
Drain - Source Voltage : -V
DS [V]
Fig.19 Switching Characteristics
Drain Current : -I
D [A]
Fig.20 Dynamic Input Characteristics
Total Gate Charge : Q
g [nC]
8/11
2012.09 - Rev.B
FRA
2016.06 - Rev.B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com