Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RRL035P03FRA Datasheet(PDF) 2 Page - Rohm

Part # RRL035P03FRA
Description  Pch -30V -3.5A Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RRL035P03FRA Datasheet(HTML) 2 Page - Rohm

  RRL035P03FRA Datasheet HTML 1Page - Rohm RRL035P03FRA Datasheet HTML 2Page - Rohm RRL035P03FRA Datasheet HTML 3Page - Rohm RRL035P03FRA Datasheet HTML 4Page - Rohm RRL035P03FRA Datasheet HTML 5Page - Rohm RRL035P03FRA Datasheet HTML 6Page - Rohm RRL035P03FRA Datasheet HTML 7Page - Rohm RRL035P03FRA Datasheet HTML 8Page - Rohm RRL035P03FRA Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
RRL035P03
*1 Limited only by maximum temperature allowed.
*2 Pw
d 10Ps, Duty cycle d 1%
*3 Mounted on a ceramic board (30×30×0.8mm)
*4 Mounted on a FR4 (15×20×0.8mm)
*5 Pulsed
:
Transconductance
gfs
*5
VDS=
10V, I
D=
3.5A
2.3
6.5
-
S
Gate input resistannce
RG
f = 1MHz, open drain
-
19
-
m
:
VGS=
4.5V, I
D=
1.7A
-
52
72
VGS=
4.0V, I
D=
1.7A
-
58
81
VGS=
10V, I
D=
3.5A, T
j=125°C
Static drain - source
on - state resistance
RDS(on)
*5
VGS=
10V, I
D=
3.5A
-
36
50
-
52
73
V
Gate threshold voltage
temperature coefficient
ΔV
(GS)th
ΔT
j
ID=b
1mA
referenced to 25°C
-
3.9
-
mV/°C
Gate threshold voltage
VGS (th)
VDS =
10V, I
D =
1mA
1.0
-
2.5
PA
Gate - Source leakage current
IGSS
VGS =
r20V, V
DS = 0V
-
-
r10
PA
Zero gate voltage drain current
IDSS
VDS =
30V, V
GS = 0V
-
-
1
V
Breakdown voltage
temperature coefficient
ΔV
(BR)DSS
ΔT
j
ID=
1mA
referenced to 25°C
-
25
-
mV/°C
Drain - Source breakdown
voltage
V(BR)DSS
VGS = 0V, ID =
1mA
30
-
-
zElectrical characteristics(T
a = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
zThermal resistance
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
RthJA
*4
-
-
391
°C/W
RthJA
*3
-
-
125
°C/W
Thermal resistance, junction - ambient
2/11
2012.09 - Rev.B
FRA
2016.06 - Rev.B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com