Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RRL035P03FRA Datasheet(PDF) 5 Page - Rohm

Part # RRL035P03FRA
Description  Pch -30V -3.5A Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RRL035P03FRA Datasheet(HTML) 5 Page - Rohm

  RRL035P03FRA Datasheet HTML 1Page - Rohm RRL035P03FRA Datasheet HTML 2Page - Rohm RRL035P03FRA Datasheet HTML 3Page - Rohm RRL035P03FRA Datasheet HTML 4Page - Rohm RRL035P03FRA Datasheet HTML 5Page - Rohm RRL035P03FRA Datasheet HTML 6Page - Rohm RRL035P03FRA Datasheet HTML 7Page - Rohm RRL035P03FRA Datasheet HTML 8Page - Rohm RRL035P03FRA Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
RRL035P03
zElectrical characteristic curves
0
20
40
60
-50
0
50
100
150
V
GS = 0V
I
D = 1mA
Pulsed
0
2
4
6
8
10
0
0.2
0.4
0.6
0.8
1
T
a=25ºC
Pulsed
V
GS= 2.5V
V
GS= 10.0V
V
GS= 3.0V
V
GS= 3.5V
V
GS= 4.0V
V
GS= 4.5V
0.001
0.01
0.1
1
10
012
3
V
DS= 10V
Pulsed
T
a= 125ºC
T
a= 75ºC
T
a= 25ºC
T
a= 25ºC
0
2
4
6
8
10
02468
10
T
a=25ºC
Pulsed
V
GS= 2.5V
V
GS= 3.0V
V
GS= 3.5V
V
GS= 10.0V
V
GS= 4.0V
V
GS= 4.5V
Fig.5 Typical Output Characteristics(I)
Drain - Source Voltage : -V
DS [V]
Fig.6 Typical Output Characteristics(II)
Drain - Source Voltage : -V
DS [V]
Fig.7 Breakdown Voltage
vs. Junction Temperature
Junction Temperature : T
j [ C]
Fig.8 Typical Transfer Characteristics
Gate - Source Voltage : -V
GS [V]
5/11
2012.09 - Rev.B
FRA
2016.06 - Rev.B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com