Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEW01CC48 Datasheet(PDF) 7 Page - Astec America, Inc

Part # AEW01CC48
Description  Two wide input voltage range
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEW01CC48 Datasheet(HTML) 7 Page - Astec America, Inc

Back Button AEW01CC48 Datasheet HTML 3Page - Astec America, Inc AEW01CC48 Datasheet HTML 4Page - Astec America, Inc AEW01CC48 Datasheet HTML 5Page - Astec America, Inc AEW01CC48 Datasheet HTML 6Page - Astec America, Inc AEW01CC48 Datasheet HTML 7Page - Astec America, Inc AEW01CC48 Datasheet HTML 8Page - Astec America, Inc AEW01CC48 Datasheet HTML 9Page - Astec America, Inc AEW01CC48 Datasheet HTML 10Page - Astec America, Inc AEW01CC48 Datasheet HTML 11Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
7
Electrical Characteristic (continued)
List 5 Output characteristics (continued)
Parameter
Model
Symbol
Minimum
Typical
Maximum
Unit
AEW03AA24
η
82%
85%
AEW01BB24
η
84%
88%
AEW01CC24
η
84%
88%
AEW03AA48
η
82%
85%
AEW01BB48
η
84%
88%
Efficiency
(rated input voltage,
rated load, ambient
temperature
25
°C,
figure 7
12)
AEW01CC48
η
84%
88%
Dynamic response
Conditions:
∆Io/∆t=1A/10µs
1. load variable
Io=50%-75%
Voltage inrush
Response time
2. load variable
Io=50%-25%
Voltage inrush
Response time
All
All
All
All
__
__
__
__
__
__
__
__
1%
100
1%
100
5%
200
5%
200
Vo,set
s
Vo,set
s
Switching frequency
All
—
—
300
—
KHz
Output
voltage
adjustable range
All
—
90%
—
110%
Vo,set
AEW03AA24
12
14
15
V
AEW01BB24
27
30
34
V
AEW01CC24
33.5
36
40
V
AEW03AA48
12
14
15
V
AEW01BB48
27
30
34
V
Output over-voltage
shutdown
+Vo~ -Vo
AEW01CC48
33.5
36
40
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com