Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEW01CC48 Datasheet(PDF) 23 Page - Astec America, Inc

Part # AEW01CC48
Description  Two wide input voltage range
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEW01CC48 Datasheet(HTML) 23 Page - Astec America, Inc

Back Button AEW01CC48 Datasheet HTML 19Page - Astec America, Inc AEW01CC48 Datasheet HTML 20Page - Astec America, Inc AEW01CC48 Datasheet HTML 21Page - Astec America, Inc AEW01CC48 Datasheet HTML 22Page - Astec America, Inc AEW01CC48 Datasheet HTML 23Page - Astec America, Inc AEW01CC48 Datasheet HTML 24Page - Astec America, Inc AEW01CC48 Datasheet HTML 25Page - Astec America, Inc AEW01CC48 Datasheet HTML 26Page - Astec America, Inc AEW01CC48 Datasheet HTML 27Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
23
Electrical Characteristic (continued)
List 5 Output characteristics
Parameter
Model
Symbol
Minimum Typical Maximum
Unit
AEW05ABB48
Vo1
Vo2
-Vo2
75
50
85
100
150
150
mVp-p
mVp-p
mVp-p
Output ripple&noise
peak-peak value
(testing method
reference to AV30-D
figure 4)
AEW05ACC48
Vo1
Vo2
-Vo2
45
40
50
100
150
150
mVp-p
mVp-p
mVp-p
AEW05ABB24
Io1
Io2
-Io2
1
0.2
0.2
5
1
1
A
A
A
AEW05ACC24
Io1
Io2
-Io2
1
0.16
0.16
5
0.8
0.8
A
A
A
AEW05ABB48
Io1
Io2
-Io2
1
0.2
0.2
5
1
1
A
A
A
Output current
(triple output,
Io
<Io,min. During
operation, the total
power of three
outputs should not
exceed 30W)
AEW05ACC48
Io1
Io2
-Io2
1
0.16
0.16
5
0.8
0.8
A
A
A
Io1
(Io2=-Io2=0.2A)
6.7
7.8
A
AEW05ABB24
Io2=-Io2
(Io1=1A)
1.38
A
Io1
(Io2=-Io2=0.16A)
6.8
7.8
A
Output
current-limiting
setpoint
AEW05ABB24
Io2=-Io2
(Io1=1A)
1.18
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com