Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEW01CC48 Datasheet(PDF) 1 Page - Astec America, Inc

Part # AEW01CC48
Description  Two wide input voltage range
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEW01CC48 Datasheet(HTML) 1 Page - Astec America, Inc

  AEW01CC48 Datasheet HTML 1Page - Astec America, Inc AEW01CC48 Datasheet HTML 2Page - Astec America, Inc AEW01CC48 Datasheet HTML 3Page - Astec America, Inc AEW01CC48 Datasheet HTML 4Page - Astec America, Inc AEW01CC48 Datasheet HTML 5Page - Astec America, Inc AEW01CC48 Datasheet HTML 6Page - Astec America, Inc AEW01CC48 Datasheet HTML 7Page - Astec America, Inc AEW01CC48 Datasheet HTML 8Page - Astec America, Inc AEW01CC48 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
1
AEW Dual Output Series
30W DC-DC Converters
Feature:
❒ Two wide input voltage range
❒ Input over-/under-voltage protection
❒ Trim function
❒ Output over-voltage shutdown
❒ Output over-current protection
❒ Load shortcircuit protection
❒ High efficiency, density and reliability
❒ Low profile (Typical height: 12.7mm)
❒ UL CSA TUV approved
❒ Meet with FCC Class A
Size: 76.2
%
%
%
%63.5%
%
%
%12.7 (3.0
″″″″%%%%2.5″″″″%%%%0.5″″″″)
Application
❂ Data collection
❂ Program controlled equipment
❂ Instruments
❂ Communication system
❂ Separately power supply system
Introduction:
AEW series adopt 3"x2.5" standard industrial encapsulation and pin with height less than 0.5", providing
2-output and 3-output.
AEW 30W 2-output and AEW 30W 3-output products are compact, high performance DC/DC
converters. They adopt state-of-the-art SMT and sealing structure, feature high power density, small
weight, and are suitable for applications requiring isolated stabilized voltage. They provide +-5V, +-12V,
+-15V 2-output or 5V/+-12V, 5V/+-15V 3-output. The input voltage can be 24VDC or 48VDC.
With low output ripple and noise, highly stabilized voltage accuracy, high efficiency and reliability, the
AEW 2-output and AEW 3-output series are suitable for by-board distributed power supply system.


Similar Part No. - AEW01CC48

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEW15-3889-A ALLIED-AEW15-3889-A Datasheet
2Mb / 3P
EW15 Transformer, Meet UL Class B 130C UL File number E349541
More results

Similar Description - AEW01CC48

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
Wide Input Voltage Range
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
Wide input voltage range
LI240-10B24 MORNSUN-LI240-10B24 Datasheet
223Kb / 4P
Wide input voltage range
PV15-29B05 MORNSUN-PV15-29B05 Datasheet
1Mb / 6P
Ultra wide input voltage range
PV45-29D1515-15 MORNSUN-PV45-29D1515-15 Datasheet
951Kb / 4P
Ultra wide input voltage range
URB1D03LMD-15WR3 MORNSUN-URB1D03LMD-15WR3 Datasheet
3Mb / 9P
Ultra wide input voltage range
URB1D05YMD-6WR3 MORNSUN-URB1D05YMD-6WR3 Datasheet
2Mb / 7P
Ultra wide input voltage range
URF1D12HB-150W MORNSUN-URF1D12HB-150W Datasheet
2Mb / 8P
Wide input voltage range
logo
Analog Devices
ADP5051 AD-ADP5051 Datasheet
2Mb / 28P
Wide input voltage range
Rev 21 Jan 2014 15:09
logo
Bel Fuse Inc.
RCM60 BEL-RCM60 Datasheet
2Mb / 16P
Ultra-wide input voltage range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com