Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEW01CC48 Datasheet(PDF) 33 Page - Astec America, Inc

Part # AEW01CC48
Description  Two wide input voltage range
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEW01CC48 Datasheet(HTML) 33 Page - Astec America, Inc

Back Button AEW01CC48 Datasheet HTML 29Page - Astec America, Inc AEW01CC48 Datasheet HTML 30Page - Astec America, Inc AEW01CC48 Datasheet HTML 31Page - Astec America, Inc AEW01CC48 Datasheet HTML 32Page - Astec America, Inc AEW01CC48 Datasheet HTML 33Page - Astec America, Inc AEW01CC48 Datasheet HTML 34Page - Astec America, Inc AEW01CC48 Datasheet HTML 35Page - Astec America, Inc AEW01CC48 Datasheet HTML 36Page - Astec America, Inc AEW01CC48 Datasheet HTML 37Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
33
 Function
2.1 CNT
z The products provide a control function allowing the user to turn the output on
and off using an external circuit.
z When CNT disconnects or connects with +Vin or is in the midair, output is on.
When CNT connects with –Vin directly, output is off.
z For 48Vin products, applying a voltage greater than 18V to the CNT pin will
enable the output, while applying a voltage less than 4.5V will disable it. For
24Vin products, applying a voltage greater than 24V (it is unlimited when the
CNT connects with +Vin directly.) will enable the output, while applying a
voltage less than 4.5V will disable it. Grounding of CNT is –Vin.
z
z During operation, the working current of CNT is related to its input voltage.
Rated 24V input
Rated 48Vinput
Vin(V)
ICNT(mA)
Vin(V)
ICNT(mA)
18
0.5
36
0.5
24
0.6
48
0.6
36
1
72
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com