Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEW01CC48 Datasheet(PDF) 6 Page - Astec America, Inc

Part # AEW01CC48
Description  Two wide input voltage range
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEW01CC48 Datasheet(HTML) 6 Page - Astec America, Inc

Back Button AEW01CC48 Datasheet HTML 2Page - Astec America, Inc AEW01CC48 Datasheet HTML 3Page - Astec America, Inc AEW01CC48 Datasheet HTML 4Page - Astec America, Inc AEW01CC48 Datasheet HTML 5Page - Astec America, Inc AEW01CC48 Datasheet HTML 6Page - Astec America, Inc AEW01CC48 Datasheet HTML 7Page - Astec America, Inc AEW01CC48 Datasheet HTML 8Page - Astec America, Inc AEW01CC48 Datasheet HTML 9Page - Astec America, Inc AEW01CC48 Datasheet HTML 10Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
6
Electrical Characteristic (continued)
List 5 Output characteristics (continued)
Parameter
Model
Symbol
Minimum
Typical
Maximum
Unit
AEW03AA24
50
120
mVp-p
AEW01BB24
65
120
mVp-p
AEW01CC24
70
120
mVp-p
AEW03AA48
60
120
mVp-p
AEW01BB48
80
120
mVp-p
Output ripple&noise
peak-peak value
(testing method
reference to figure 4)
AEW01CC48
70
120
mVp-p
AEW03AA24
±Io
±0.3
±3.0
A
AEW01BB24
±Io
±0.125
±1.25
A
AEW01CC24
±Io
±0.1
±1.0
A
AEW03AA48
±Io
±0.3
±3.0
A
AEW01BB48
±Io
±0.125
±1.25
A
Output current
(when
Io
<Io,min,
the
module
can
operate
normally,
but the ripple&noise
may
exceed
the
standards.)
AEW01CC48
±Io
±0.1
±1.0
A
AEW03AA24
±Io
3.7
4.3
A
AEW01BB24
±Io
1.76
2.0
A
AEW01CC24
±Io
1.4
1.6
A
AEW03AA48
±Io
3.9
4.5
A
AEW01BB48
±Io
1.6
2.0
A
Output
current-limiting
setpoint
(Vo=90%Vo,set
reference
to
the
figure 19
24)
AEW01CC48
±Io
1.26
1.6
A
AEW03AA24
±Io
4.2
A
AEW01BB24
±Io
2
A
AEW01CC24
±Io
1.8
A
AEW03AA48
±Io
3.6
A
AEW01BB48
±Io
1.8
A
short-circuit output
current
Vo=0.25V
AEW01CC48
±Io
1.7
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com