Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-260L Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL-260L
Description  High Speed LVTTL Compatible 3.3 Volt Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-260L Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL-260L Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6 − 109
Absolute Maximum Ratings (No Derating Required up to 85˚C)
Parameter
Symbol
Package**
Min.
Max.
Units
Note
Storage Temperature
TS
–55
125
˚C
Operating Temperature†
TA
–40
85
˚C
Average Forward Input Current
IF
Single 8-Pin DIP
20
mA
2
Single SO-8
Dual 8-Pin DIP
15
1, 3
Dual SO-8
Reverse Input Voltage
VR
8-Pin DIP, SO-8
5
V
1
3
Input Power Dissipation
PI
40
mW
Supply Voltage (1 Minute Maximum)
VCC
7V
Enable Input Voltage (Not to Exceed
VE
Single 8-Pin DIP
VCC + 0.5
V
VCC by more than 500 mV)
Single SO-8
Enable Input Current
IE
5mA
Output Collector Current
IO
50
mA
1
Output Collector Voltage
VO
7V
1
Output Collector Power Dissipation
PO
Single 8-Pin DIP
85
mW
Single SO-8
Dual 8-Pin DIP
60
1, 4
Dual SO-8
Lead Solder Temperature
TLS
8-Pin DIP
260˚C for 10 sec., 1.6 mm below
(Through Hole Parts Only)
seating plane
260˚C for 10 sec., up to seating
plane
Solder Reflow Temperature Profile
SO-8
See Package Outline Drawings
(Surface Mount Parts Only)
section
**Ratings apply to all devices except otherwise noted in the Package column.
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Input Current, Low Level
IFL*
0
250
µA
Input Current, High Level[1]
IFH**
5
15
mA
Power Supply Voltage
VCC
2.7
3.3
V
Low Level Enable Voltage
VEL
0
0.8
V
High Level Enable Voltage
VEH
2.0
VCC
V
Operating Temperature
TA
–40
85
˚C
Fan Out (at RL = 1 k
Ω
Ω
)[1]
N
5
TTL Loads
Output Pull-up Resistor
RL
330
4 k
*The off condition can also be guaranteed by ensuring that VFL
≤ 0.8 volts.
**The initial switching threshold is 5 mA or less. It is recommended that 6.3 mA to 10 mA be used
for best performance and to permit at least a 20% LED degradation guardband.
6章104-117(PDF用)
01.5.24, 4:23 PM
Page 109
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com