Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-260L Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HCPL-260L
Description  High Speed LVTTL Compatible 3.3 Volt Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-260L Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HCPL-260L Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
6 − 110
Electrical Specifications
Over Recommended Temperature (TA = –40˚C to +85˚C) unless otherwise specified. All Typicals at VCC = 3.3 V,
TA = 25˚C. All enable test conditions apply to single channel products only. See Note 5.
Parameter
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
High Level Output Current
IOH*
4.5
50
µAVCC = 3.3 V, VE = 2.0 V,
1
1, 15
VO = 3.3 V, IF = 250
µA
Input Threshold Current
ITH
3.0
5.0
mA
VCC = 3.3 V, V E = 2.0 V,
2
15
VO = 0.6 V,
IOL (Sinking) = 13 mA
Low Level Output Voltage
VOL*
0.35
0.6
V
VCC = 3.3 V, V E = 2.0 V,
3
15
IF = 5 mA,
IOL (Sinking) = 13 mA
High Level Supply Current
ICCH
4.7
7.0
mA
VE = 0.5 V
VCC = 3.3 V
IF = 0 mA
Low Level Supply Current
ICCL
7.0
10.0
mA
VE = 0.5 V
VCC = 3.3 V
IF = 10 mA
High Level Enable Current
IEH
–0.5
–1.2
mA
VCC = 3.3 V, V E = 2.0 V
Low Level Enable Current
IEL*
–0.5
–1.2
mA
VCC = 3.3 V, V E = 0.5 V
High Level Enable Voltage
VEH
2.0
V
15
Low Level Enable Voltage
VEL
0.8
V
Input Forward Voltage
VF
1.4
1.5
1.75*
V
TA = 25˚CIF = 10 mA
5
1
Input Reverse Breakdown
BVR*5
V
IR = 10
µA
Voltage
Input Diode Temperature
∆VF/
–1.6
mV˚CIF = 10 mA
1
Coefficient
∆TA
–1.9
Input Capacitance
C
60
pF
f = 1 MHz, VF = 0 V
1
*The JEDEC Registration specifies 0˚C to +70˚C. Agilent specifies –40˚C to +85˚C.
1
IN
6章104-117(PDF用)
01.5.24, 4:23 PM
Page 110
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com