Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-260L Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HCPL-260L
Description  High Speed LVTTL Compatible 3.3 Volt Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-260L Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HCPL-260L Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
6 − 116
Figure 13. Recommended drive circuit for High-CMR.
0.01 F
350
Ω
74LS04
OR ANY TOTEM-POLE
OUTPUT LOGIC GATE
VO
VCC+
8
7
6
1
3
SHIELD
5
2
4
HCPL-260L
GND
GND2
220
Ω
VCC
220
Ω
*
*
* HIGHER CMR MAY BE OBTAINABLE BY CONNECTING PINS 1, 4 TO INPUT GROUND (GND1).
GND1
Application Information
Common-Mode Rejection for
HCPL-260L Families:
Figure 13 shows the recom-
mended drive circuit for optimal
common-mode rejection
performance. Two main points to
note are:
1. The enable pin is tied to V CC
rather than floating (this
applies to single-channel parts
only).
2. Two LED-current setting
resistors are used instead of
one. This is to balance ILED
variation during common-
mode transients.
If the enable pin is left floating, it
is possible for common-mode
transients to couple to the enable
pin, resulting in common-mode
failure. This failure mechanism
only occurs when the LED is on
and the output is in the Low
State. It is identified as occurring
when the transient output voltage
rises above 0.8 V. Therefore, the
enable pin should be connected
to either VCC or logic-level high
for best common-mode
performance with the output low
(CMRL). This failure mechanism
is only present in single-channel
parts which have the enable
function.
Also, common-mode transients
can capacitively couple from the
LED anode (or cathode) to the
output-side ground causing
current to be shunted away from
the LED (which can be bad if the
LED is on) or conversely cause
current to be injected into the
LED (bad if the LED is meant to
be off). Figure 14 shows the
parasitic capacitances which
exists between LED
anode/cathode and output ground
(CLA and CLC). Also shown in
Figure 14 on the input side is an
AC-equivalent circuit.
Figure 14. AC equivalent circuit.
350
Ω
1/2 RLED
VCC+
15 pF
+
VCM
8
7
6
1
3
SHIELD
5
2
4
CLA
VO
GND
0.01 F
1/2 RLED
CLC
ILN
ILP
–
For transients occurring when the
LED is on, common-mode rejec-
tion (CMRL, since the output is in
the “low” state) depends upon the
amount of LED current drive (I F).
For conditions where IF is close
to the switching threshold (ITH),
CMRL also depends on the extent
which ILP and ILN balance each
other. In other words, any
condition where common-mode
transients cause a momentary
decrease in IF will cause
common-mode failure for
transients which are fast enough.
Likewise for common-mode
transients which occur when the
LED is off (i.e. CMR H, since the
output is “high”), if an imbalance
between ILP and ILN results in a
transient IF equal to or greater
than the switching threshold of
the optocoupler, the transient
“signal” may cause the output to
spike below 2 V (which consti-
tutes a CMRH failure).
By using the recommended
circuit in Figure 13, good CMR
can be achieved. The balanced
ILED-setting resistors help equalize
ILP and ILN to reduce the amount
by which ILED is modulated from
transient coupling through CLA
and CLC
.
6章104-117(PDF用)
01.5.24, 4:24 PM
Page 116
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com