Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-260L Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HCPL-260L
Description  High Speed LVTTL Compatible 3.3 Volt Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-260L Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL-260L Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
6 − 112
Package Characteristics
All Typicals at T A = 25˚C.
Parameter
Sym.
Package
Min.
Typ.
Max
Units
Test Conditions
Fig.
Note
Input-Output
II-O*
Single 8-Pin DIP
1
µA
45% RH, t = 5 s,
16, 17
Insulation
Single SO-8
VI-O = 3 kV DC, TA = 25˚C
Input-Output
VISO
8-Pin DIP, SO-8
2500
V rms
RH
≤ 50%, t = 1 min,
16, 17
Momentary
TA = 25˚C
Withstand
Voltage**
Input-Output
RI-O
8-Pin, SO-8
1012
Ω
VI-O =500 V dc
1, 16, 19
Resistance
Input-Output
CI-O
8-Pin DIP, SO-8
0.6
pF
f = 1 MHz, TA = 25˚C
1, 16, 19
Capacitance
Input-Input
II-I
Dual Channel
0.005
µA
RH
≤ 45%, t = 5 s,
20
Insulation
VI-I = 500 V
Leakage
Current
Resistance
RI-I
Dual Channel
1011
Ω
20
(Input-Input)
Capacitance
CI-I
Dual 8-Pin Dip
0.03
pG
f = 1 MHz
20
(Input-Input)
Dual SO-8
0.25
*The JEDEC Registration specifies 0˚C to +70˚C. Agilent specifies –40˚C to +85˚C.
**The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous
voltage rating. For the continuous voltage rating refer to the VDE 0884 Insulation Characteristics Table (if applicable), your equipment level
safety specification or Agilent Application Note 1074 entitled "Optocoupler Input-Output Endurance Voltage."
Notes:
1. Each channel.
2. Peaking circuits may produce transient input currents up to 50 mA, 50 ns maximum pulse width, provided average current does not
exceed 20 mA.
3. Peaking circuits may produce transient input currents up to 50 mA, 50 ns maximum pulse width, provided average current does not
exceed 15 mA.
4. Derate linearly above +80˚C free-air temperature at a rate of 2.7 mW/˚C for the SOIC-8 package.
5. Bypassing of the power supply line is required, with a 0.1
µF ceramic disc capacitor adjacent to each optocoupler as illustrated in
Figure 11. Total lead length between both ends of the capacitor and the isolator pins should not exceed 20 mm.
6. The tPLH propagation delay is measured from the 3.75 mA point on the falling edge of the input pulse to the 1.5 V point on the rising edge
of the output pulse.
7. The tPHL propagation delay is measured from the 3.75 mA point on the rising edge of the input pulse to the 1.5 V point on the falling edge
of the output pulse.
8. tPSK is equal to the worst case difference in tPHL and/or tPLH that will be seen between units at any given temperature and specified test
conditions.
9. See test circuit for measurement details.
10. The tELH enable propagation delay is measured from the 1.5 V point on the falling edge of the enable input pulse to the 1.5 V point on the
rising edge of the output pulse.
11. The tELH enable propagation delay is measured from the 1.5 V point on the rising edge of the enable input pulse to the 1.5 V point on the
falling edge of the output pulse.
12. CMH is the maximum tolerable rate of rise on the common mode voltage to assure that the output will remain in a high logic state
(i.e., Vo > 2.0 V).
13. CML is the maximum tolerable rate of fall of the common mode voltage to assure that the output will remain in a low logic state
(i.e., Vo < 0.8 V).
14. For sinusoidal voltages, (|dVCM | / dt)max =
πfCMVCM (p-p).
15. No external pull up is required for a high logic state on the enable input. If the VE pin is not used, tying VE to VCC will result in improved
CMR performance. For single channel products only. See application information provided.
16. Device considered a two-terminal device: pins 1, 2, 3, and 4 shorted together, and pins 5, 6, 7, and 8 shorted together.
17. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage
≥ 3000 V rms for one second (leakage
detection current limit, II-O
≤ 5 µA). This test is performed before the 100% production test for partial discharge (Method b) shown in the
VDE 0884 Insulation Characteristics Table, if applicable.
18. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage
≥ 6000 V rms for one second (leakage
detection current limit, II-O
≤ 5 µA). This test is performed before the 100% production test for partial discharge (Method b) shown in the
VDE 0884 Insulation Characteristics Table, if applicable.
19. Measured between the LED anode and cathode shorted together and pins 5 through 8 shorted together. For dual channel products only.
20. Measured between pins 1 and 2 shorted together, and pins 3 and 4 shorted together. For dual channel products only.
6章104-117(PDF用)
01.5.24, 4:23 PM
Page 112
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com