Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-260L Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HCPL-260L
Description  High Speed LVTTL Compatible 3.3 Volt Optocouplers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-260L Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL-260L Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-260L Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
6 − 114
Figure 7. Typical propagation delay vs.
temperature.
Figure 9. Test circuit for tEHL and tELH.
Figure 10. Test circuit for common mode transient immunity and typical waveforms.
VCC = 3.3 V
IF = 7.5 mA
150
120
-60
-20
20
60
100
TA – TEMPERATURE – °C
90
80
40
0
-40
0
60
30
tPHL , RL = 350 Ω
tPLH , RL = 350 Ω
Figure 8. Typical pulse width distortion vs.
temperature.
VCC = 3.3 V
IF = 7.5 mA
50
40
-20
20
60
100
TA – TEMPERATURE – °C
30
80
40
0
-40
20
RL = 350 Ω
10
-60
0
OUTPUT VO
MONITORING
NODE
1.5 V
tEHL
tELH
VE
INPUT
VO
OUTPUT
3.0 V
1.5 V
+3.3 V
7
5
6
8
2
3
4
1
PULSE GEN.
ZO = 50 Ω
tf = tr = 5 ns
IF
RL
VCC
0.1 F
BYPASS
*CL
*CL IS APPROXIMATELY 15 pF WHICH INCLUDES
PROBE AND STRAY WIRING CAPACITANCE.
GND
7.5 mA
INPUT VE
MONITORING NODE
+3.3 V
7
5
6
8
2
3
4
1
VCC
0.1 F
BYPASS
GND
OUTPUT VO
MONITORING
NODE
PULSE
GENERATOR
ZO = 50 Ω
+
IF
B
A
VFF
VCM
–
RL
SINGLE CHANNEL
+3.3 V
7
5
6
8
2
3
4
1
VCC
0.1 F
BYPASS
GND
OUTPUT VO
MONITORING
NODE
PULSE
GENERATOR
ZO = 50 Ω
+
IF
B
A
VFF
VCM
–
RL
DUAL CHANNEL
VO
0.5 V
VO (MIN.)
3.3 V
0 V
SWITCH AT A: I F = 0 mA
SWITCH AT B: I F = 7.5 mA
VCM
CMH
CML
VO (MAX.)
VCM (PEAK)
VO
6章104-117(PDF用)
01.5.24, 4:23 PM
Page 114
Adobe PageMaker 6.0J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com