Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9500G-XX-AF5-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR9500G-XX-AF5-R
Description  ULTRA LOW NOISE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9500G-XX-AF5-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LR9500G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR9500G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR9500G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR9500G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR9500G-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR9500G-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LR9500
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R102-083.a
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-25
15: 1.5V
18:1.8V
20: 2.0V
25: 2.5V
27: 2.7V
28: 2.8V
30: 3.0V
33: 3.3V
40: 4.0V
45: 4.5V
PIN CONFIGURATION
3
2
1
4
5
VOUT
GND
VEN
NC
VIN
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VEN
Enable input; disables the regulator when ≤ 0.4V. Enables the regulator when ≥
1.2V. An internal 1 MΩ pulldown resistor connects this input to ground.
2
GND
Device ground
3
NC
No connect
4
VOUT
Output voltage. A 0.47 μF Low ESR capacitor should be connected to this Pin.
Connect this output to the load circuit.
5
VIN
Input voltage supply. A 0.47 µF capacitor should be connected at this input.
BLOCK DIAGRAM
Soft_filter
OCP
VM
Vref
VIN
VOUT
4
1
VEN
EA
BG
5
OTP
2
GND
WSON



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com