Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9500G-XX-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR9500G-XX-AF5-R
Description  ULTRA LOW NOISE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9500G-XX-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR9500G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR9500G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR9500G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR9500G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR9500G-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR9500G-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR9500
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R102-083.a
ULTRA LOW NOISE, 150mA
LINEAR REGULATOR FOR
RF/ANALOG CIRCUITS
REQUIRES NO BYPASS
CAPACITOR
DESCRIPTION
The LR9500 is a linear regulator capable of supplying 150 mA
output current. Designed to meet the requirements of RF/Analog
circuits, the LR9500 device provides low noise, high PSRR, low
quiescent current, and low line transient response figures. Using
new innovative design techniques the LR9500 offers class-leading
device noise performance without a noise bypass capacitor.
The device is designed to work with 0.47 μF input and output
ceramic capacitors. (No Bypass Capacitor is required)
This device is available with 1.5V, 1.8V, 2.0V, 2.5V, 2.7V, 2.8V,
3.0V, 3.3V, 4.0V and 4.5V outputs. Please contact your local sales
office for any other voltage options.
FEATURES
SOT-25
1
3
5
2
4
* Stable with 0.47 μF Ceramic Input and Output Capacitors
* No Noise Bypass Capacitor Required
* Logic Controlled Enable
* Thermal-Overload and Short-Circuit Protection
* −40°C to +125°C Junction Temperature Range for Operation
*Input Voltage Range, 2.5V to 5.5V
*Output Voltage Range, 1.5V to 4.5V
*Output Current, 150 mA
*Low Output Voltage Noise, 6.5 μVRMS
*PSRR, 75 dB at 1 kHz
*Output Voltage Tolerance, ± 2%
*Virturally Zero IQ (Disabled), <1 µA
*Very Low IQ (Enabled), 25 μA
*Startup Time, 150 μs
*Low Dropout, 80 mV (Typ.)
ORDERING INFORMATION
Ordering Number
Package
Packing
LR9500G-xx-AF5-R
SOT-25
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - LR9500G-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
16-channel constant current LED driver
logo
Unisonic Technologies
LR9101 UTC-LR9101 Datasheet
191Kb / 4P
LOW NOISE 300mA LDO REGULATOR
LR9101 UTC-LR9101 Datasheet
216Kb / 5P
LOW NOISE 300mA LDO REGULATOR
LR9101G-10-AE2-R UTC-LR9101G-10-AE2-R Datasheet
216Kb / 5P
LOW NOISE 300mA LDO REGULATOR
LR9101G-10-AE3-R UTC-LR9101G-10-AE3-R Datasheet
216Kb / 5P
LOW NOISE 300mA LDO REGULATOR
More results

Similar Description - LR9500G-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5509 NSC-CLC5509 Datasheet
445Kb / 11P
Ultra-Low Noise Preamplifier
logo
Cadeka Microcircuits LL...
CLC1001 CADEKA-CLC1001 Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
logo
Vectron International, ...
VC-708 VECTRON-VC-708 Datasheet
279Kb / 7P
Ultra Low Phase Noise
logo
Linear Dimensions Semic...
LND5205 LINEAR_DIMENSIONS-LND5205 Datasheet
96Kb / 1P
Ultra Low Noise LDO
logo
Crystek Corporation
CVHD-575 CRYSTEKCRYSTAL-CVHD-575 Datasheet
260Kb / 2P
Ultra-Low Phase Noise
logo
Exar Corporation
CLC1001 EXAR-CLC1001 Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
CLC1002 EXAR-CLC1002 Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
logo
M/A-COM Technology Solu...
MLPNC-7102 MA-COM-MLPNC-7102 Datasheet
637Kb / 5P
Ultra-Low Phase Noise
MLPNC-7103S1 MA-COM-MLPNC-7103S1 Datasheet
864Kb / 12P
Ultra-Low Phase Noise
MLPNC-7100 MA-COM-MLPNC-7100 Datasheet
648Kb / 5P
Ultra-Low Phase Noise
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com