Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9500G-XX-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LR9500G-XX-AF5-R
Description  ULTRA LOW NOISE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9500G-XX-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LR9500G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR9500G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR9500G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR9500G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR9500G-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR9500G-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LR9500
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R102-083.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
6.0
V
Output Voltage
VOUT
6.0
V
Enable Input Voltage
VEN
6.0
V
Power Dissipation (Note 2)
PD
Internally Limited
A
Junction Temperature
TJ
150
°С
Storage Temperature Range
TSTG
-65 ~ +150
°С
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Internal thermal shutdown circuitry protects the device from permanent damage.
OPERATING RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage Range
VIN
2.5 ~ 5.5
V
Maximum Enable Voltage Range
VEN
0 ~ 5.5
V
Recommended Load Current
0 ~ 150
mA
Junction Temperature Range
TJ
-40 ~ +125
°C
Ambient Temperature Range
TA
-40 ~ +85
°C
ELECTRICAL CHARACTERISTICS
(Limits in standard typeface are for TA = 25ºC. Limits in boldface type apply over the full operating junction
emperature range (-40 ºC≤TJ≤+125 ºC). Unless otherwise noted, specifications apply to the LR9500 Typical
Application Circuit with: VIN= VOUT (NOM) + 1.0V, VEN= 1.2V, CIN= COUT= 0.47 μF, IOUT = 1.0 mA.(Note 1, 2))
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
POWER SUPPLIES (VM, VCC)
Input Voltage
VIN
2.5
5.5
V
Output Voltage Tolerance
VIN=(VOUT (nom)+1.0V) ~ 5.5V,
IOUT=1mA ~ 150mA
-2
2
%
Line Regulation
VIN=(Vout(nom)+1.0V) ~ 5.5V,
IOUT=1mA
0.05
%/V
Load Regulation
∆VOUT
IOUT=1mA ~150mA
0.001
%/mA
Load Current
(Note 3)
0
Maximum Output Current
ILOAD
150
mA
VEN=1.2V,IOUT=0mA
25
50
μA
VEN=1.2V,IOUT=150mA
160
230
μA
Quiescent Current (Note 4)
IQ
VEN=0.3V (Disabled)
0.003
1.0
μA
Ground Current (Note 5)
IG
IOUT=0mA (VOUT=2.5V)
30
uA
Dropout Voltage (Note 6)
VDO
IOUT=150mA
80
150
mV
Short Circuit Current Limit
ISC
(Note 7)
300
mA
f=100Hz, IOUT=150mA
85
dB
f=1kHz, IOUT=150mA
75
dB
f=10kHz, IOUT=150mA
52
dB
f=50kHz, IOUT=150mA
65
dB
Power Supply Rejection
Ratio (Note 8)
PSRR
f=100kHz, IOUT=150mA
40
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com