Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9500G-XX-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR9500G-XX-AF5-R
Description  ULTRA LOW NOISE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9500G-XX-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LR9500G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR9500G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR9500G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR9500G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR9500G-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR9500G-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LR9500
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R102-083.a
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
IOUT=0mA
7
IOUT=1mA
10
Output Noise Voltage (Note 8)
en
BW=10Hz
to 100kHz,
VIN=4.2V
IOUT=150mA
6.5
μVRMS
Temperature
160
Thermal Shutdown
TSHUTDOWN
Hysteresis
20
°C
LOGIN INPUT THRESHOLDS
Low Input Threshold (VEN)
VIL
VIN=2.5V ~ 5.5V
0.4
V
High Input Threshold (VEN)
VIH
VIN=2.5V ~ 5.5V
1.2
V
VEN=5.5V, VIN=5.5V
5.5
Input Current at VEN Pin (Note 9)
IEN
VEN=0V, VIN=5.5V
0.001
μA
Notes: 1. All voltages are with respect to the potential at the GND pin.
2. Min and Max limits are specified by design, test, or statistical analysis. Typical numbers are not ensured,
but do represent the most likely norm.
3. The device maintains a stable, regulated output voltage without a load current.
4. Quiescent current is defined here as the difference in current between the input voltage source and the
load at VOUT.
5. Ground current is defined here as the total current flowing to ground as a result of all input voltages applied
to the device.
6. Dropout voltage is the voltage difference between the input and the output at which the output voltage
drops to 100 mV below its nominal value. This parameter only applies to output voltages above 2.5V.
7. Short Circuit Current is measured with VOUT pulled to 0v and VIN worst case = 6.0V.
8. This specification is specified by design.
9. There is a 1 MΩ resistor between VEN and ground on the device.
OUTPUT & INPUT CAPACITOR, RECOMMENDED SPECIFICATIONS
PARMMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Capacitance
CIN
0.33
0.47
μF
Output Capacitance
COUT
Capacitance for stability
0.33
0.47
10
μF
Output/Input Capacitance
ESR
5
500
mΩ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com