Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9500G-XX-AF5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LR9500G-XX-AF5-R
Description  ULTRA LOW NOISE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9500G-XX-AF5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LR9500G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR9500G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR9500G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR9500G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR9500G-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR9500G-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LR9500
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R102-083.a
TYPICAL APPLICATION CIRCUIT
EXTERNAL CAPACITORS
Like any low-dropout regulator, the LR9500 requires external capacitors for regulator stability. The LR9500 is
specifically designed for portable applications requiring minimum board space and smallest components. These
capacitors must be correctly selected for good performance.
INPUT CAPACITOR
An input capacitor is required for stability. The input capacitor should be at least equal to or greater than the
output capacitor. It is recommended that a 0.47 µF capacitor be connected between the LR9500 input pin and
ground. This capacitor must be located a distance of not more than 1 cm from the input pin and returned to a clean
analogue ground. Any good quality ceramic, tantalum, or film capacitor may be used at the input.
Important
To ensure stable operation it is essential that good PCB practices are employed to minimize ground impedance
and keep input inductance low. If these conditions cannot be met, or if long leads are to be used to connect the
battery or other power source to the LR9500, then it is recommended to increase the input capacitor to at least 2.2
µF. Also, tantalum capacitors can suffer catastrophic failures due to surge current when connected to a
low-impedance source of power (like a battery or a very large capacitor). If a tantalum capacitor is used at the input,
it must be ensured by the manufacturer to have a surge current rating sufficient for the application.
There are no requirements for the ESR (Equivalent Series Resistance) on the input capacitor, but tolerance and
temperature coefficient must be considered when selecting the capacitor to ensure the capacitance will remain 0.47
μF ±30% over the entire operating temperature range.
OUTPUT CAPACITOR
The LR9500 is designed specifically to work with very small ceramic output capacitors. A ceramic capacitor
(dielectric types X5R or X7R) in the 0.47 μF to 10 μF range, and with ESR between 5 mΩ to 500 mΩ, is suitable in
the LR9500 application circuit. For this device the output capacitor should be connected between the VOUT pin and a
good ground connection and should be mounted within 1 cm of the device.
It may also be possible to use tantalum or film capacitors at the device output, VOUT, but these are not as
attractive for reasons of size and cost (see the CAPACITOR CHARACTERISTICS section below).
The output capacitor must meet the requirement for the minimum value of capacitance and have an ESR value
that is within the range 5 mΩ to 500 mΩ for stability.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com