Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF24 Datasheet(PDF) 5 Page - Hirose Electric

Part # DF24
Description  0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF24 Datasheet(HTML) 5 Page - Hirose Electric

  DF24 Datasheet HTML 1Page - Hirose Electric DF24 Datasheet HTML 2Page - Hirose Electric DF24 Datasheet HTML 3Page - Hirose Electric DF24 Datasheet HTML 4Page - Hirose Electric DF24 Datasheet HTML 5Page - Hirose Electric DF24 Datasheet HTML 6Page - Hirose Electric DF24 Datasheet HTML 7Page - Hirose Electric DF24 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
B301
DF24 Series
●0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
■Crimp contact
Part number
CL No.
Applicable wire size Packaging Quantity
Finish
RoHS
DF24-2830SCFA
DF24-3234SCFA
DF24-36SCFA
687-3001-1
687-3004-0
687-3003-7
28 – 30
32 – 34
36
Reel
20,000
Gold plated YES
0.85
1.03
t=0.12
Ø1
A
B
Seal
■Pull strap
Wire size (Stranded wire conductor)
Jacket diameter
AWG28 (7 / 0.127mm)
AWG30 (7 / 0.107mm)
AWG32 (7 / 0.087mm)
AWG36 (7 / 0.057mm)
0.6mm max
0.4mm max
● Applicable wire (Tin plated annealed copper wire)
● Tools
Note: When using other than the recommended wire, contact
your nearest Hirose representative.
Contact extraction tool
Type
Description
Applicator
Press unit
Part number
AP105-DF24-2830S
AP105-DF24-3234S
AP105-DF24-36S
CM-105
DF-C-PO(B)
CL No.
901-4602-5
901-4592-3
901-4606-6
901-0005-4
550-0179-2
Applicable contacts
DF24-2830SCFA
DF24-3234SCFA
DF24-36SCFA
––––––––––––––––––––––––
DF24-****SCFA
Part number
DF24-50DS-PTB
687-3300-2
CL No.
50
Number of contacts
25
75
500 pcs. / bag
YES
A
B
Packaging
RoHS
Unit: mm
Pull strap attached
Before attachment of the pull strap
Applicable socket
π [DF24BA-50DS-0.9C]
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com