Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF24 Datasheet(PDF) 1 Page - Hirose Electric

Part # DF24
Description  0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF24 Datasheet(HTML) 1 Page - Hirose Electric

  DF24 Datasheet HTML 1Page - Hirose Electric DF24 Datasheet HTML 2Page - Hirose Electric DF24 Datasheet HTML 3Page - Hirose Electric DF24 Datasheet HTML 4Page - Hirose Electric DF24 Datasheet HTML 5Page - Hirose Electric DF24 Datasheet HTML 6Page - Hirose Electric DF24 Datasheet HTML 7Page - Hirose Electric DF24 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Socket contacts
Wall
Contact blades
Double row socket
Double row header (SMT)
Double row socket
3.8
8.2
Double row header (SMT)
0.55mm
Contact - header
B297
0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
DF24 Series
■Features
11. Space saving
Small contact pitch (0.9 mm) together with vertical mating
direction allows high density mounting of the board
components.
12. Low profile
Two-level contact location and horizontal wire exits allow a
low profile of 3.8 mm, when fully.
13. Reliable mating/un-mating
Complete vertical mating, with both sides self-aligned, is
confirmed with tactile “click” sensation.
14. High contact reliability
2-point socket contact, with a long wipe (0.55 mm) assures
highly reliable electrical and mechanical connection.
15. Prevention of solder wicking
Despite its low-profile, solder wicking is prevented by the
nickel barrier and solder collection areas.
16. Self-alignment and side-pull protection
The walls of the double row socket assembly will self-align
during the mating and protect header and socket
assemblies from a accidental side-pull on the wires.
17. Simplified un-mating
A pull strap for double row socket version may be selected
for easier un-mating.
18. Contact deformation protection
Flat contact blades on the headers are supported by the
insulator’s walls, protecting them from deformation during
handling.
19. Board placement with automatic equipment
Supplied on reels containing 1,000 assemblies.
10. RoHS compliant
All components and materials comply with the requirements
of the EU Directive 2002/95/EC.
■Applications
Notebook computers, miniature office automation devices,
miniature consumer devices, cameras, recording devices
and other devices requiring vertical mating reliable
connectors.
Space-saving
Low-profile
Long contact wipe
Two-point socket contact
Self-alignment and side-pull protection
Contact deformation protection
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF24

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF24-40DP-0.9C HIROSE-DF24-40DP-0.9C Datasheet
419Kb / 8P
0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
DF24-40DP-0.9PTB HIROSE-DF24-40DP-0.9PTB Datasheet
419Kb / 8P
0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
DF24-40DP-0.9V HIROSE-DF24-40DP-0.9V Datasheet
419Kb / 8P
0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
DF24-40DS-0.9C HIROSE-DF24-40DS-0.9C Datasheet
419Kb / 8P
0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
DF24-40DS-0.9PTB HIROSE-DF24-40DS-0.9PTB Datasheet
419Kb / 8P
0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
More results

Similar Description - DF24

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH25-21S-0.3SH HIROSE-FH25-21S-0.3SH Datasheet
482Kb / 8P
0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
logo
Dubilier
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
BOARD TO WIRE CONNECTORS
logo
Hirose Electric
MDF76KBW-30P-1C HIROSE-MDF76KBW-30P-1C Datasheet
490Kb / 12P
1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
DF24A-40DS-0.9C HIROSE-DF24A-40DS-0.9C Datasheet
419Kb / 8P
0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
FH43B HIROSE-FH43B Datasheet
1Mb / 12P
0.2 MM PITCH, 0.9 MM ABOVE THE BOARD, FLEXIBLE PRINTED CIRCUIT ZIF CONNECTORS
MDF76 HIROSE-MDF76 Datasheet
501Kb / 12P
1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
DF49 HIROSE-DF49 Datasheet
1Mb / 11P
0.4 mm Pitch, Horizontal mating, Board- to-Fine Coaxial Cable Connectors
FH19C HIROSE-FH19C Datasheet
348Kb / 12P
0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
logo
TE Connectivity Ltd
ENG_DS_2207 TEC-ENG_DS_2207 Datasheet
5Mb / 9P
2.54 mm Wire-to-Board Connectors
03/22
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com