Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF24 Datasheet(PDF) 4 Page - Hirose Electric

Part # DF24
Description  0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF24 Datasheet(HTML) 4 Page - Hirose Electric

  DF24 Datasheet HTML 1Page - Hirose Electric DF24 Datasheet HTML 2Page - Hirose Electric DF24 Datasheet HTML 3Page - Hirose Electric DF24 Datasheet HTML 4Page - Hirose Electric DF24 Datasheet HTML 5Page - Hirose Electric DF24 Datasheet HTML 6Page - Hirose Electric DF24 Datasheet HTML 7Page - Hirose Electric DF24 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DF24 Series
●0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
B300
■Double-row socket
A
P=0.9
C
No. of contacts
indicator
Contact
Contact
8.2
0.3
D
6.5
4.8
A
B
1
■Double-row socket (Pull strap)
A
P=0.9
C
No. of contacts
indicator
Contact
Contact
8.2
D
6.5
4.8
A
B
1
Part number
CL No.
Number of contacts
A
B
C
D
Packaging
RoHS
100 pcs. / bag
YES
100 pcs. / bag
Unit: mm
DF24B-40DS-0.9C
DF24B-50DS-0.9C
687-3301-5
687-3302-8
40
50
22.1
26.2
18.75
23.25
17.1
21.1
21.6
25.2
Note: Refer to page 5 for pull strap tab.
Part number
CL No.
Number of contacts
A
B
C
D
Packaging
RoHS
YES
100 pcs. / bag
Unit: mm
DF24BA-50DS-0.9C
687-3304-3
50
27.4
23.25
21.6
25.2
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com