Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF24 Datasheet(PDF) 3 Page - Hirose Electric

Part # DF24
Description  0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF24 Datasheet(HTML) 3 Page - Hirose Electric

  DF24 Datasheet HTML 1Page - Hirose Electric DF24 Datasheet HTML 2Page - Hirose Electric DF24 Datasheet HTML 3Page - Hirose Electric DF24 Datasheet HTML 4Page - Hirose Electric DF24 Datasheet HTML 5Page - Hirose Electric DF24 Datasheet HTML 6Page - Hirose Electric DF24 Datasheet HTML 7Page - Hirose Electric DF24 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
P=0.9±0.03
0.5±0.03
A±0.05
Contact
Contact
No.1
No.2
■Double-row header (SMT)
■PCB mounting pattern
Part number
CL No.
Number of contacts
A
B
Packaging
RoHS
Unit: mm
DF24A-40DP-0.9V(**)
DF24A-50DP-0.9V(**)
687-3208-0-**
687-3209-2-**
40
50
17.1
21.6
19.6
24.1
1,000 pcs. / reel
YES
1,000 pcs. / reel
D
+2
0
(D+6)MAX
Ø13±0.2
Ø21±0.8
2±0.5
Part number label
A
4.55±0.15
Unreeling direction
A
0.4±0.1
Section A-A
4±0.1
2±0.1
12±0.1
■Packaging specifications
B299
DF24 Series
●0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
B
A
A
Contact
Contact
0.15
P=0.9
P=0.9
Specification number
(51): Embossed tape packaging (1,000 pieces per reel).
Part number
Number of contacts
A
B
C
D
Unit: mm
DF24A-40DP-0.9V(**)
40
50
32
44
28.4
40.4
14.2
20.2
32.4
44.4
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com