Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF24 Datasheet(PDF) 2 Page - Hirose Electric

Part # DF24
Description  0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF24 Datasheet(HTML) 2 Page - Hirose Electric

  DF24 Datasheet HTML 1Page - Hirose Electric DF24 Datasheet HTML 2Page - Hirose Electric DF24 Datasheet HTML 3Page - Hirose Electric DF24 Datasheet HTML 4Page - Hirose Electric DF24 Datasheet HTML 5Page - Hirose Electric DF24 Datasheet HTML 6Page - Hirose Electric DF24 Datasheet HTML 7Page - Hirose Electric DF24 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DF24 Series
●0.9 mm Pitch Vertical Mating Board-to-Wire Connectors
B298
Series Name : DF24
Form type
Pin headers A : Standard type
Sockets Blank : Standard type
A : Pull strap version
Number of contacts : 40, 50
Connector type
DS : Double-row socket
DP : Double-row header
Contact pitch : 0.9 mm
Housing type
C : Crimp housing
V : Straight SMT header
PTB : Pull strap (Note)
DF24
#
# - *
* DS - 0.9 C
■Product Specifications
■Materials and Finishes
Rating
Current rating
(Note 1)
Voltage rating
AWG28
:1A
Wire size
AWG30
:0.5A
AWG32~36 :0.3A
80V AC
Operating temperature range
–35ç to +85ç (Note 2)
Operating humidity range
Relative humidity 20% to 80%
Storage temperature range
–10ç to +60ç (Note 3)
Storage humidity range
Relative humidity 40% to 70% (Note 3)
■Ordering information
1
4
2
3
5
6
1
5
6
2
3
4
Remarks
UL94V-0
––––––––––
UL94V-0
––––––––––
––––––––––
Product
Component
Material
Finish
Socket
Crimp contact
Header
Pull strap
Insulators
Contact-socket
Insulator
Contact-blade
Pull strap
Polyamide
Phosphor bronze
Polyamide
Phosphor bronze
PET
Color : Black
Gold plated
Color : Black
Gold plated
––––––––––––
100V DC
250V AC/one minute
1 mA, 20 mV max.
Measured with a steel pin of 0.15mm thickness
Frequency: 10 to 55 Hz, single amplitude of 0.75mm, 2 hours, 3 axis
96 hours at temperature of 40±2ç and humidity of 90% to 95%.
Temperature: –55ç
➝ +5ç to +35ç ➝ +85ç ➝ +5ç to +35ç
Time: 30
➝ 2 to 3 ➝ 30 ➝ 2 to 3 (Minutes)
5 cycles
30 cycles
Reflow: At the recommended temperature profile
Manual soldering: 350ç for 3 seconds
500 M ohms min.
No flashover or insulation breakdown.
30 mø max.
0.12N min., 2N max.
No electrical discontinuity of 1μs or more.
Contact resistance: 30 mø max.
Insulation resistance: 250 Mø min.
Contact resistance: 30 mø max.
Insulation resistance: 500 Mø min.
Contact resistance: 30 mø max.
No deformation of components affecting performance.
1.Insulation resistance
2.Withstanding voltage
3.Contact resistance
4.Insertion-Extraction force (per contact)
5.Vibration
6.Humidity
7.Temperature cycle
8.Durability (mating / un-mating)
9.Resistance to soldering heat
Item
Specification
Conditions
Note 1: Current rating for header is 1A.
Note 2: Includes temperature rise caused by current flow.
Note 3: The term “storage” refers to products stored for long period of time prior to mounting and use. Operating temperature range and
humidity range covers non-conducting condition of installed connectors in storage, shipment or during transportation.
Note 4: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and specifications for
a specific part number shown.
Applicable conductor
2830 : AWG 28 to 30
3234 : AWG 32 to 34
0036 : AWG 36
Packaging
SCF : Socket contact / reel
Plating
A : Gold plated
1
3
2
●Connectors
Note: The pull strap is an optional.
DF24 - 2830 SCF A
1
2
3
●Contacts
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com