Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7140LA55JGI8 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 7140LA55JGI8
Description  HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7140LA55JGI8 Datasheet(HTML) 3 Page - Integrated Device Technology

  7140LA55JGI8 Datasheet HTML 1Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 2Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 3Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 4Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 5Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 6Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 7Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 8Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
IDT7130SA/LA and IDT7140SA/LA
High-Speed 1K x 8 Dual-Port Static SRAM
Military, Industrial and Commercial Temperature Ranges
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. P48 packagebodyisapproximately.55inx.61inx.19in.
C48 packagebodyisapproximately.62inx2.43inx.15in.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part-marking.
Pin Configurations(1,2,3) (con't.)
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
IDT7130/40
P or C
P48(4,5)
&
C48(4,5)
2689 drw 02
GND
I/O6R
I/O5R
I/O4R
I/O3R
I/O2R
I/O1R
I/O0R
I/O7L
I/O6L
I/O5L
I/O4L
CER
CEL
OEL
A0L
INTL
BUSYL
R/
WL
R/
WR
BUSYR
INTR
VCC
OER
A0R
A1R
A2R
A3R
A4R
A5R
A6R
A7R
A8R
A9R
I/O7R
I/O3L
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
I/O0L
I/O1L
I/O2L
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com