Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7140LA55JGI8 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 7140LA55JGI8
Description  HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7140LA55JGI8 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 7140LA55JGI8 Datasheet HTML 6Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 7Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 8Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 9Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 10Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 11Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 12Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 13Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
IDT7130SA/LA and IDT7140SA/LA
High-Speed 1K x 8 Dual-Port Static SRAM
Military, Industrial and Commercial Temperature Ranges
10
AC Electrical Characteristics Over the
Operating Temperature Supply Voltage Range(3)
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage Output Test Load (Figure 2).
2. PLCC, TQFP and STQFP packages only.
3. 'X' in part numbers indicates power rating (SA or LA).
4. This parameter is guaranteed by device characterization, but is not production tested.
.
7130X20(2)
7140X20(2)
Com'l Only
7130X25
7140X25
Com'l, Ind
& Military
7130X35
7140X35
Com'l
& Military
Unit
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
READ CYCLE
tRC
Read Cycle Time
20
____
25
____
35
____
ns
tAA
Address Access Time
____
20
____
25
____
35
ns
tACE
Chip Enable Access Time
____
20
____
25
____
35
ns
tAOE
Output Enable Access Time
____
11
____
12
____
20
ns
tOH
Output Hold from Address Change
3
____
3
____
3
____
ns
tLZ
Output Low-Z Time(1,4)
0
____
0
____
0
____
ns
tHZ
Output High-Z Time(1,4)
____
10
____
10
____
15
ns
tPU
Chip Enable to Power Up Time(4)
0
____
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(4)
____
20
____
25
____
35
ns
2689 tbl 09a
7130X55
7140X55
Com'l, Ind
& Military
7130X100
7140X100
Com'l, Ind
& Military
Unit
Symbol
Parameter
Min.Max.Min.Max.
READ CYCLE
tRC
Read Cycle Time
55
____
100
____
ns
tAA
Address Access Time
____
55
____
100
ns
tACE
Chip Enable Access Time
____
55
____
100
ns
tAOE
Output Enable Access Time
____
25
____
40
ns
tOH
Output Hold from Address Change
3
____
10
____
ns
tLZ
Output Low-Z Time(1,4)
5
____
5
____
ns
tHZ
Output High-Z Time(1,4)
____
25
____
40
ns
tPU
Chip Enable to Power Up Time(4)
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(4)
____
50
____
50
ns
2689 tbl 09b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com