Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7140LA55JGI8 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 7140LA55JGI8
Description  HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7140LA55JGI8 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 7140LA55JGI8 Datasheet HTML 2Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 3Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 4Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 5Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 6Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 7Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 8Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 9Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
IDT7130SA/LA and IDT7140SA/LA
High-Speed 1K x 8 Dual-Port Static SRAM
Military, Industrial and Commercial Temperature Ranges
6
Absolute Maximum Ratings(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of the specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. VTERM must not exceed Vcc + 10% for more than 25% of the cycle time or 10ns
maximum, and is limited to < 20mA for the period of VTERM > Vcc + 10%.
Symbol
Rating
Commercial
& Industrial
Military
Unit
VTERM(2)
Terminal Voltage
with Respect
to GND
-0.5 to +7.0
-0.5 to +7.0
V
TBIAS
Temperature
Under Bias
-55 to +125
-65 to +135
o
C
TSTG
Storage
Temperature
-65 to +150
-65 to +150
o
C
IOUT
DC Output
Current
50
50
mA
2689 tbl 01
RecommendedDCOperating
Conditions
NOTES:
1. VIL (min.) > -1.5V for pulse width less than 10ns.
2. VTERM must not exceed Vcc + 10%.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
____
6.0(2)
V
VIL
Input Low Voltage
-0.5(1)
____
0.8
V
2689 tbl 02
NOTES:
1. This parameter is determined by device characterization but is not production
tested.
2. 3dV references the interpolated capacitance when the input and output signals
switch from 0V to 3V or from 3V to 0V.
Capacitance (TA = +25°C, f = 1.0MHz)
STQFP and TQFP Packages Only
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
9
pF
COUT
Output Capacitance
VOUT = 3dV
10
pF
2689 tbl 05
RecommendedOperating
Temperature and Supply Voltage(1)
NOTES:
1. This is the parameter TA. This is the "instant on" case temperature.
Grade
Ambient
Temperature
GND
Vcc
Military
-55OC to +125OC0V
5.0V
+ 10%
Commercial
0OC to +70OC0V
5.0V
+ 10%
Industrial
-40OC to +85OC0V
5.0V
+ 10%
2689 tbl 03
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VCC = 5.0V ± 10%)
NOTE:
1. At Vcc
< 2.0V leakages are undefined.
Symbol
Parameter
Test Conditions
7130SA
7140SA
7130LA
7140LA
Unit
Min.
Max.
Min.
Max.
|ILI|
Input Leakage Current(1)
VCC = 5.5V, VIN = 0V to VCC
___
10
___
5µA
|ILO|
Output Leakage Current(1)
VCC - 5.5V,
CE
= VIH, VOUT = 0V to VCC
___
10
___
5µA
VOL
Output Low Voltage (I/O0-I/O7)IOL = 4mA
___
0.4
___
0.4
V
VOL
Open Drain Output
Low Voltage (BUSY, INT)
IOL = 16mA
___
0.5
___
0.5
V
VOH
Output High Voltage
IOH = -4mA
2.4
___
2.4
___
V
2689 tbl 04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com