Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7140LA55JGI8 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 7140LA55JGI8
Description  HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7140LA55JGI8 Datasheet(HTML) 5 Page - Integrated Device Technology

  7140LA55JGI8 Datasheet HTML 1Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 2Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 3Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 4Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 5Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 6Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 7Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 8Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
IDT7130SA/LA and IDT7140SA/LA
High-Speed 1K x 8 Dual-Port Static SRAM
Military, Industrial and Commercial Temperature Ranges
Pin Configurations(1,2,3) (con't.)
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. PP64packagebodyisapproximately10mmx10mmx1.4mm.
PN64packagebodyisapproximately14mmx14mmx1.4mm.
4. Thispackagecodeisusedtoreferencethepackagediagram
7130/40
PP64 & PN64(4)
8 9 10 11 1213 14 1516
1 2 3 4 5 6 7
46 4544 43 42 4140 39 383736 35 34
47
48
33
2689 drw 05
17
18
19
20
32
31
30
29
28
27
26
25
24
23
22
21
49
50
51
52
63
62
61
60
59
58
57
56
55
54
53
64
N/C
N/C
N/C
N/C
N/C
N/C
GND
N/C
N/C
GND
N/C
R/
WR
CER
VCC
VCC
BUSYL
INTL
I/O3L
I/O4L
I/O5L
I/O6L
I/O7L
I/O0R
I/O1R
I/O2R
I/O3R
I/O4R
I/O5R
R/
WL
CEL
BUSYR
INTR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com