Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7140LA55JGI8 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 7140LA55JGI8
Description  HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7140LA55JGI8 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 7140LA55JGI8 Datasheet HTML 7Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 8Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 9Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 10Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 11Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 12Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 13Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 14Page - Integrated Device Technology 7140LA55JGI8 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
IDT7130SA/LA and IDT7140SA/LA
High-Speed 1K x 8 Dual-Port Static SRAM
Military, Industrial and Commercial Temperature Ranges
Timing Waveform of Read Cycle No. 2, Either Side(3)
NOTES:
1. Timing depends on which signal is asserted last, OE or CE.
2. Timing depends on which signal is deaserted first, OE or CE.
3. R/W = VIH and OE = VIL, and the address is valid prior to or coincidental with CE transition LOW.
4. Start of valid data depends on which timing becomes effective last tAOE, tACE, tAA, and tBDD.
Timing Waveform of Read Cycle No. 1, Either Side(1)
ADDRESS
DATAOUT
tRC
tOH
PREVIOUS DATA VALID
tAA
tOH
DATA VALID
2689 drw 08
tBDDH
(2,3)
BUSYOUT
NOTES:
1. R/W = VIH, CE = VIL, and is OE = VIL. Address is valid prior to the coincidental with CE transition LOW.
2. tBDD delay is required only in the case where the opposite port is completing a write operation to the same the address location. For simultaneous read operations,
BUSY
has no relationship to valid output data.
3. Start of valid data depends on which timing becomes effective last tAOE, tACE, tAA, and tBDD.
CE
tACE
tAOE
tHZ
tLZ
tPD
VALID DATA
tPU
50%
OE
DATAOUT
CURRENT
ICC
ISS
50%
2689 drw 09
(4)
(1)
(1)
(2)
(2)
(4)
tLZ
tHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com