Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3916 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3916
Description  Dot/Bar Display Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3916 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button LM3916 Datasheet HTML 19Page - National Semiconductor (TI) LM3916 Datasheet HTML 20Page - National Semiconductor (TI) LM3916 Datasheet HTML 21Page - National Semiconductor (TI) LM3916 Datasheet HTML 22Page - National Semiconductor (TI) LM3916 Datasheet HTML 23Page - National Semiconductor (TI) LM3916 Datasheet HTML 24Page - National Semiconductor (TI) LM3916 Datasheet HTML 25Page - National Semiconductor (TI) LM3916 Datasheet HTML 26Page - National Semiconductor (TI) LM3916 Datasheet HTML 27Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
Connection Diagram
Definition of Terms
Absolute Accuracy: The difference between the observed
threshold voltage and the ideal threshold voltage for each
comparator. Specified and tested with 10V across the inter-
nal voltage divider so that resistor ratio matching error pre-
dominates over comparator offset voltage.
Adjust Pin Current: Current flowing out of the reference
amplifier pin when the reference amplifier is in the linear re-
gion.
Comparator Gain: The ratio of the change in output current
(I
LED) to the change in input voltage (VIN) required to pro-
duce it for a comparator in the linear region.
Dropout Voltage: The voltage measured at the current
source outputs required to make the output current fall by
10%.
Input Bias Current: Current flowing out of the signal input
when the input buffer is in the linear region.
LED Current Regulation: The change in output current
over the specified range of LED supply voltage (V
LED)as
measured at the current source outputs. As the forward volt-
age of an LED does not change significantly with a small
change in forward current, this is equivalent to changing the
voltage at the LED anodes by the same amount.
Line Regulation: The average change in reference output
voltage (V
REF) over the specified range of supply voltage
(V
+).
Load Regulation: The change in reference output voltage
over the specified range of load current (I
L(REF)).
Offset Voltage: The differential input voltage which must be
applied to each comparator to bias the output in the linear re-
gion. Most significant error when the voltage across the in-
ternal voltage divider is small. Specified and tested with pin
6 voltage (V
RHI) equal to pin 4 voltage (VRLO).
Relative Accuracy: The difference between any two adja-
cent threshold points. Specified and tested with 10V across
the internal voltage divider so that resistor ratio matching er-
ror predominates over comparator offset voltage.
Dual-In-Line Package
DS007971-33
Top View
Order Number LM3916N-1
See NS Package Number NA18A
Order Number LM3916N *
See NS Package Number N18A
*Discontinued, Life Time Buy date 12/20/99
www.national.com
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com