Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3916 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3916
Description  Dot/Bar Display Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3916 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM3916 Datasheet HTML 9Page - National Semiconductor (TI) LM3916 Datasheet HTML 10Page - National Semiconductor (TI) LM3916 Datasheet HTML 11Page - National Semiconductor (TI) LM3916 Datasheet HTML 12Page - National Semiconductor (TI) LM3916 Datasheet HTML 13Page - National Semiconductor (TI) LM3916 Datasheet HTML 14Page - National Semiconductor (TI) LM3916 Datasheet HTML 15Page - National Semiconductor (TI) LM3916 Datasheet HTML 16Page - National Semiconductor (TI) LM3916 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Application Hints (Continued)
mA to flow from pin 7 into the divider which means that the
LED current will be at least 10 mA. R1 will typically be be-
tween 1 k
Ω and5kΩ. To trim the reference voltage, vary R2.
The current in
Figure 11 shows how to add a LED intensity
control which can vary LED current from 5 mA to 28 mA.
Choosing V
REF = 5V lowers the current drawn by the ladder,
increasing the intensity adjustment range. The reference ad-
justment has some effect on LED intensity but the reverse is
not true.
Multiple Drivers
Figure 12 shows how to obtain a common reference trim and
intensity control for two drivers. The two ICs may be con-
nected in cascade or may be handling separate channels for
stereo. This technique can be extended for larger numbers
of drivers by varying the values of R1, R2 and R3. Because
the LM3915 has a greater ladder resistance, R5 was picked
less than R7 in such a way as to provide equal reference
load currents. The ICs’ internal references track within
100 mV so that worst case error from chip to chip is only 0.2
dB for V
REF = 5V.
The scheme in
Figure 13 is useful when the reference and
LED intensity must be adjusted independently over a wide
range. The R
HI voltage can be adjusted from 1.2V to 10V
with no effect on LED current. Since the internal divider here
does not load down the reference, minimum LED current is
much lower. At the minimum recommended reference load
of 80 µA, LED current is about 0.8 mA. The resistor values
shown give a LED current range from 1.5 mA to 25 mA.
At the low end of the intensity adjustment, the voltage drop
across the 510
Ω current-sharing resistors is so small that
chip to chip variation in reference voltage may yield a visible
variation in LED intensity. The optional approach shown of
connecting the bottom end of the intensity control pot to a
negative supply overcomes this problem by allowing a larger
voltage drop across the (larger) current-sharing resistors.
DS007971-17
FIGURE 10. Design Equations for Fixed LED Intensity
DS007971-18
5mA
≤ ILED ≤ 28 mA @ VREF = 5V
FIGURE 11. Varying LED Intensity
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com