Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3916 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3916
Description  Dot/Bar Display Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3916 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM3916 Datasheet HTML 8Page - National Semiconductor (TI) LM3916 Datasheet HTML 9Page - National Semiconductor (TI) LM3916 Datasheet HTML 10Page - National Semiconductor (TI) LM3916 Datasheet HTML 11Page - National Semiconductor (TI) LM3916 Datasheet HTML 12Page - National Semiconductor (TI) LM3916 Datasheet HTML 13Page - National Semiconductor (TI) LM3916 Datasheet HTML 14Page - National Semiconductor (TI) LM3916 Datasheet HTML 15Page - National Semiconductor (TI) LM3916 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Application Hints (Continued)
both drivers (10V in the example) and
amplify the input sig-
nal by 16 dB ahead of the LM3915. Alternatively, instead of
amplifying, input signals of sufficient amplitude can be fed di-
rectly to the LM3916 and
attenuated by 16 dB to drive the
LM3915.
To extend this approach to get a 70 dB display, another
30 dB of amplification must be placed in the signal path
ahead of the lowest LM3915. Extreme care is required as the
lowest LM3915 displays input signals down to 2 mV! Several
offset nulls may be required. High currents should not share
the same path as the low level signal. Also power line wiring
should be kept away from signal lines.
TIPS ON REFERENCE VOLTAGE AND LED CURRENT
PROGRAMMING
Single Driver
The equations in
Figure 10 illustrate how to choose resistor
values to set reference voltage for the simple case where no
LED intensity adjustment is required. A LED current of 10 mA
to 20 mA generally produces adequate illumination. Having
10V full-scale across the internal voltage divider gives best
accuracy by keeping signal level high relative to the offset
voltage of the internal comparators. However, this causes 1
DS007971-15
VREF2 ≅ 7.89V
FIGURE 8. Low Cost Circuit for 40 dB Display
DS007971-16
FIGURE 9. Improved Circuit for 40 dB Display
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com