Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3916 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3916
Description  Dot/Bar Display Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3916 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3916 Datasheet HTML 1Page - National Semiconductor (TI) LM3916 Datasheet HTML 2Page - National Semiconductor (TI) LM3916 Datasheet HTML 3Page - National Semiconductor (TI) LM3916 Datasheet HTML 4Page - National Semiconductor (TI) LM3916 Datasheet HTML 5Page - National Semiconductor (TI) LM3916 Datasheet HTML 6Page - National Semiconductor (TI) LM3916 Datasheet HTML 7Page - National Semiconductor (TI) LM3916 Datasheet HTML 8Page - National Semiconductor (TI) LM3916 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Typical Applications
0V to 10V VU Meter
DS007971-1
Notes: Capacitor C1 is required if leads to the LED supply are 6" or longer.
Circuit as shown is wired for dot mode. For bar mode, connect pin 9 to pin 3. VLED must be kept below 7V or dropping resistor should be used to limit IC power
dissipation.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com