Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3916 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3916
Description  Dot/Bar Display Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3916 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button LM3916 Datasheet HTML 19Page - National Semiconductor (TI) LM3916 Datasheet HTML 20Page - National Semiconductor (TI) LM3916 Datasheet HTML 21Page - National Semiconductor (TI) LM3916 Datasheet HTML 22Page - National Semiconductor (TI) LM3916 Datasheet HTML 23Page - National Semiconductor (TI) LM3916 Datasheet HTML 24Page - National Semiconductor (TI) LM3916 Datasheet HTML 25Page - National Semiconductor (TI) LM3916 Datasheet HTML 26Page - National Semiconductor (TI) LM3916 Datasheet HTML 27Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Typical Applications (Continued)
Operating with a High Voltage Supply (Dot Mode Only)
DS007971-29
The LED currents are approximately 10 mA, and LM3916 outputs operate in saturation for minimum dissipation.
*This point is partially regulated and decreases in voltage with temperature. Voltage requirements of the LM3916 also decrease with temperature.
Low Current Bar Mode Display
DS007971-30
Supply current drain is only 20 mA with ten LEDs illuminated @ 16 mA.
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com