Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W.FL-R-1 Datasheet(PDF) 5 Page - Hirose Electric

Part # W.FL-R-1
Description  Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

W.FL-R-1 Datasheet(HTML) 5 Page - Hirose Electric

  W.FL-R-1 Datasheet HTML 1Page - Hirose Electric W.FL-R-1 Datasheet HTML 2Page - Hirose Electric W.FL-R-1 Datasheet HTML 3Page - Hirose Electric W.FL-R-1 Datasheet HTML 4Page - Hirose Electric W.FL-R-1 Datasheet HTML 5Page - Hirose Electric W.FL-R-1 Datasheet HTML 6Page - Hirose Electric W.FL-R-1 Datasheet HTML 7Page - Hirose Electric W.FL-R-1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
W.FL2 Series
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
Receptacles
0.7
0.3
1.7
2
0.3
SIG
GND
0.25
2.6
1.4
0.5
SIG
GND
No conductive traces
in this area
BRecommended PCB
mounting pattern (Note 1)
Note 1: The land pattern is the same as
that of the X.FL, W.FL series
connectors.
BEmbossed Carrier Tape Dimensions (IEC 60286-3 compliant)
Embossed Carrier Tape Dimensions
Reel Dimensions
Embossed Carrier Tape Dimensions
(W.FL2-R-SMT-1(60) 8mm pitch)
(W.FL2-R-SMT-1(80) 4mm pitch)
Part No.
HRS No.
Packaging
RoHS
W.FL2-R-SMT-1(60)
331-0315-4 60
Reel (5,000 pcs/reel)
Yes
W.FL2-R-SMT-1(80)
331-0315-4 80
Reel (10,000 pcs/reel)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com