Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W.FL-R-1 Datasheet(PDF) 4 Page - Hirose Electric

Part # W.FL-R-1
Description  Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

W.FL-R-1 Datasheet(HTML) 4 Page - Hirose Electric

  W.FL-R-1 Datasheet HTML 1Page - Hirose Electric W.FL-R-1 Datasheet HTML 2Page - Hirose Electric W.FL-R-1 Datasheet HTML 3Page - Hirose Electric W.FL-R-1 Datasheet HTML 4Page - Hirose Electric W.FL-R-1 Datasheet HTML 5Page - Hirose Electric W.FL-R-1 Datasheet HTML 6Page - Hirose Electric W.FL-R-1 Datasheet HTML 7Page - Hirose Electric W.FL-R-1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
W.FL2 Series
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
BHow to specify Cable Assembly
■Ordering information
Standard Tolerances for (L)
L (mm)
[Double-ended cable assembly]
L (mm)
[Single-ended cable assembly]
Ordering infometioan
(L)mm
Standard tolerance(mm)
*L=35 to 200
±4
1L=200 to 500
±8
1L=500 to 1000
±12
L=Longer than 1000mm1000 ±1.5% of (L)
Note: Minimum available length(L) is 35mm.
Used plug: W.FL2-LP-040(06), W.FL2-LP-040HF(06)
W.FL2 − 2LP − HF6 − 04N
「」TV −A− (L)
❶❷
W.FL2 − LP − HF6 − 04N
「」TV −A− (L)
❷❸❹
Double-
Ended
Single-
Ended
Used plug: W.FL2-LP-062HF
W.FL2 − 2LP − HF − 062N
「」SC −A− (L)
❶❷
W.FL2 − LP − HF − 062N
「」SC −A− (L)
❶❷
Double-
Ended
Single-
Ended
Used plug: W.FL2-LP-032HF(06)
W.FL2 − 2LP − HF6 − 032N
「」TS −A− (L)
❶❷
W.FL2 − LP − HF6 − 032N
「」TS −A− (L)
❶❷
Double-
Ended
Single-
Ended
Series name
: WFL2, W.FL2
Assembly type
LP: Single ended
2LP: Double ended
Environmental
compliant
HF6: Halogen-free
6: RoHS compliant
Cable type
04N: 0.81mm dia. ultra-fine
coaxial cable
Cable color
1: White, 2: Black
Cable outer conductor TV: Tin Plated braided wire
Total length (mm)
Length(L)
Series name
: WFL2, W.FL2
Assembly type
LP: Single ended
2LP: Double ended
Environmental
compliant
HF6: Halogen-free
Cable type
032N: 0.5mm dia. ultra-fine coaxial cable
Cable color
1: White, 2: Black
Cable outer conductor
TS: Tin Plated fiber or paper
covered copper winding wire
Total length (mm)
Length(L)
Series name
: WFL2, W.FL2
Assembly type
LP: Single ended
2LP: Double ended
Environmental
compliant
HF: Halogen-free
Cable type
062N: 1.0mm dia. ultra-fine coaxial cable
Cable color
1: Gray, 2: Black, 3: White
Cable outer conductor
SC: Outer tin plated braided wire
Inner conductor silver plated
Total length (mm)
Length(L)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com