Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W.FL-R-1 Datasheet(PDF) 1 Page - Hirose Electric

Part # W.FL-R-1
Description  Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

W.FL-R-1 Datasheet(HTML) 1 Page - Hirose Electric

  W.FL-R-1 Datasheet HTML 1Page - Hirose Electric W.FL-R-1 Datasheet HTML 2Page - Hirose Electric W.FL-R-1 Datasheet HTML 3Page - Hirose Electric W.FL-R-1 Datasheet HTML 4Page - Hirose Electric W.FL-R-1 Datasheet HTML 5Page - Hirose Electric W.FL-R-1 Datasheet HTML 6Page - Hirose Electric W.FL-R-1 Datasheet HTML 7Page - Hirose Electric W.FL-R-1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
2.0mm
2.0mm
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL2 Series
2014.11
w
Features
1. Nominal mated height of 1.18 mm
(Max. 1.3 mm)
2. Small board footprint
As with X.FL, W.FL Series, the receptacles
occupies an area of 3.4 mm2 and share the same
land pattern.
Note: The W. FL2 Series is not compatible with X.FL, W.FL
Series.
3. Extremely light weight
The world's smallest and lightest class of coaxial
connectors.
Receptacle: 5.0mg
Right angle plug:16.7mg(062), 17.4mg(040),
15.3mg(032)
4. Frequency range up to 6 GHz
DC to 3 GHz: V.S.W.R. of 1.3 max.
3 GHz to 6 GHz: V.S.W.R. of 1.4 max.
5. Automatic board placement
Packaged on tape-and-reel the receptacles can
be placed with vacuum nozzles of the automatic
placement equipment.
6. Plugs are terminated with ultra-fine coaxial
(fluorinated resin insulated) cable
The use of ultra-fine coaxial(fluorinated resin
insulated)cables on these connectors offer the
ability to complete connections in small,
confined spaces with a smooth, easy operation.
7. Simple connector mating / un-mating
Use of the available mating / un-mating tools
assures correct connection / disconnection of
the plug and receptacle.
8. Halogen-free*(Receptacle, Plug(HF type))
*As defined by IEC61249-2-21
Br-900 ppm maximum, Cl-900 ppm maximum, Cl+Br
combined-1,500 ppm maximum.
W. FL2 Series
W. FL Series
W.FL2-LP-032HF(06)
W.FL2-LP-040(06)
W.FL2-LP-040HF(06)
W.FL2-LP-062HF
W.FL-LP-040(06)
W.FL-LP-040HF(06)
W. FL Series
W. FL2 Series
W.FL2-R-SMT-1
W.FL-R-SMT-1
Mated height comparison (with W.FL Series)
Occupied Mounting Area
W. FL2 Plug and Receptacle
Fig.2
Fig.1


Similar Part No. - W.FL-R-1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
W.FL-R-1 HIROSE-W.FL-R-1 Datasheet
386Kb / 6P
Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W.FL-R-1 HIROSE-W.FL-R-1 Datasheet
417Kb / 6P
Ultra Small Surface Mount Coaxial Connectors ??1.4mm Mated Height
W.FL-R-1 HIROSE-W.FL-R-1 Datasheet
190Kb / 6P
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL-R-1 HIROSE-W.FL-R-1 Datasheet
296Kb / 8P
Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
More results

Similar Description - W.FL-R-1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1 Datasheet
386Kb / 6P
Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
logo
List of Unclassifed Man...
UFL-LP-040 ETC-UFL-LP-040 Datasheet
190Kb / 8P
Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
Hirose Electric
U.FL-R-SMT-1 HIROSE-U.FL-R-SMT-1 Datasheet
198Kb / 7P
Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1_09 Datasheet
187Kb / 6P
Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
U.FL-LP HIROSE-U.FL-LP Datasheet
258Kb / 7P
Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U-FL HIROSE-U-FL Datasheet
258Kb / 7P
Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
W-FL HIROSE-W-FL Datasheet
417Kb / 6P
Ultra Small Surface Mount Coaxial Connectors ??1.4mm Mated Height
W-FL2 HIROSE-W-FL2 Datasheet
190Kb / 6P
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL HIROSE-W.FL_17 Datasheet
296Kb / 8P
Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
WFL2 HIROSE-WFL2 Datasheet
291Kb / 8P
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com