Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W.FL-R-1 Datasheet(PDF) 2 Page - Hirose Electric

Part # W.FL-R-1
Description  Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

W.FL-R-1 Datasheet(HTML) 2 Page - Hirose Electric

  W.FL-R-1 Datasheet HTML 1Page - Hirose Electric W.FL-R-1 Datasheet HTML 2Page - Hirose Electric W.FL-R-1 Datasheet HTML 3Page - Hirose Electric W.FL-R-1 Datasheet HTML 4Page - Hirose Electric W.FL-R-1 Datasheet HTML 5Page - Hirose Electric W.FL-R-1 Datasheet HTML 6Page - Hirose Electric W.FL-R-1 Datasheet HTML 7Page - Hirose Electric W.FL-R-1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
W.FL2 Series
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
■Specifications
Rating
Nominal characteristic impedance
50ø
Operating temperature range
-40°C to +90°C
(90%RH max.)
Frequency range
DC to 6 GHz
Storage temperature range
Item
Specification
1. Contact resistance
20 mø max. (center contact), l0 mø max. (outer contact)
2. Insulation resistance
500 Mø min., 100 V DC
3. Withstanding voltage 200 V AC / 1 minute
4. V.S.W.R.
1.3 max. (DC to 3 GHz)
1.4 max. (3 GHz to 6 GHz)
* V.S.W.R. Measurement
as shown on the block diagram below.
Note: Verify connection and measurement setup.
Note1. The term “storage” refers to products stored for long period of time prior to mounting and use.
Note1: Cable assembly measurements with SMA conversion
adapters mated with W.FL2 plug at each end of the
100cm long ultra-fine coaxial cable.
Note2: Receptacles mounted on a 50 ohms glass epoxy board.
Measurements were conducted with SMA conversion
adapters attached.
Network Analyzer
Test Set
Test Port
Termination
D.U.T
Test Post Cable
-30°C to +70°C
(90%RH max.)Note 1
■Materials
■Materials
Plugs – Right Angle
Part
Material
Finish
Shell
Phosphor bronze
Silver plated/Gold plated(062)
Insulator
PBT
Color: Black, UL94V-0
Insulator (HF type)
LCP
Color: Milky white, UL94V-0
Female center contact
Phosphor bronze
Gold plated
Receptacle
Part
Material
Finish
Shell
Phosphor bronze
Silver plated
Insulator
LCP
Color: Black, UL94V-0
Male center contact
Brass
Gold plated



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com