Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W.FL-R-1 Datasheet(PDF) 6 Page - Hirose Electric

Part # W.FL-R-1
Description  Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

W.FL-R-1 Datasheet(HTML) 6 Page - Hirose Electric

  W.FL-R-1 Datasheet HTML 1Page - Hirose Electric W.FL-R-1 Datasheet HTML 2Page - Hirose Electric W.FL-R-1 Datasheet HTML 3Page - Hirose Electric W.FL-R-1 Datasheet HTML 4Page - Hirose Electric W.FL-R-1 Datasheet HTML 5Page - Hirose Electric W.FL-R-1 Datasheet HTML 6Page - Hirose Electric W.FL-R-1 Datasheet HTML 7Page - Hirose Electric W.FL-R-1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
W.FL2 Series
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
■Conversion Adapters
Note: Used for performance measurements only.
The W.FL2 mating side has lower retention force when
mated with the corresponding part.
Note: Used for performance measurements only.
The W.FL/W.FL2 mating side has lower retention force
when mated with the corresponding part.
Note:When mating with corresponding part (W.FL2-R-
SMT-1) must be pressed down and held to make
complete connection.
SMA Conversion Adapter (W.FL2/W.FL side plug – SMA side jack)
SMA Conversion Adapter
SMA Conversion Adapter (W.FL2 side jack – SMA side plug)
■Receptacle Inspection Adapter (W.FL2/W.FL)
Used for inspecting the performance parameters of the cable assembly.
8HEX
(10.15)
(4.05)
6
1/4-36UNS-2A
13.8
5.6
(18.14)
(4)
6
1/4-36UNS-2A
5.5
(4.4)
1
(7.9)
4.2
12.1
M5∞0.5
7HEX
All dimensions: mm
All dimensions: mm
All dimensions: mm
All dimensions: mm
Part No.
HRMP-W.FL2J
HRS No.
Packaging
RoHS
Yes
311-0394-6
1
Part No.
HRMJ-W.FLP(40)
HRS No.
Packaging
RoHS
Yes
311-0368-6 40
1
Part No.
HRMJ-W.FL2P-ST3
HRS No.
Packaging
RoHS
Yes
311-0417-0
1
Part No.
W.FL-R-1
HRS No.
Packaging
RoHS
Yes
331-0483-9
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com