Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4130 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4130
Description  Precision Micropower Low Dropout Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4130 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4130 Datasheet HTML 1Page - National Semiconductor (TI) LM4130 Datasheet HTML 2Page - National Semiconductor (TI) LM4130 Datasheet HTML 3Page - National Semiconductor (TI) LM4130 Datasheet HTML 4Page - National Semiconductor (TI) LM4130 Datasheet HTML 5Page - National Semiconductor (TI) LM4130 Datasheet HTML 6Page - National Semiconductor (TI) LM4130 Datasheet HTML 7Page - National Semiconductor (TI) LM4130 Datasheet HTML 8Page - National Semiconductor (TI) LM4130 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LM4130-4.096
Electrical Characteristics
Unless otherwise specified V
CC = 5.0V, ILOAD =0TA = 25˚C. Limits with standard typeface are for TA = 25˚C, and limits in
boldface type apply over the operating temperature range.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
V
REF
Output Voltage Initial
Accuracy
LM4130-4.096A
LM4130-4.096B
LM4130-4.096C
LM4130-4.096D
LM4130-4.096E
±0.05
±0.2
±0.1
±0.4
±0.5
%
TCV
REF/˚C
(Note 6)
Temperature Coefficient
ppm/˚C
LM4130A, B
0˚C
≤ T
A ≤ +85˚C
−40˚C
≤ T
A ≤ +85˚C
10
20
LM4130C, D
20
LM4130E
30
∆V
REF/∆VIN
Line Regulation
I
LOAD = 100µA
ppm/V
V
REF + 500 mV ≤ VIN ≤ 5.5V
75
250
400
∆V
REF/∆ILOAD
Load Regulation
0 mA
≤ I
LOAD ≤ 20 mA
16
60
80
ppm/mA
∆V
REF
Long-Term Stability
(Note 7)
1000 Hrs
50
ppm
Thermal Hysteresis
(Note 8)
−40˚C
≤ T
A ≤ +125˚C
50
V
IN -VREF
Dropout Voltage
(Note 9)
I
LOAD =10mA
275
500
mV
V
N
Output Noise Voltage
0.1 Hz to 10 Hz
245
µV
PP
I
S
Supply Current
50
75
90
µA
I
SC
Short Circuit Current
30
60
mA
65
mA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see Electrical Characteristics. The guar-
anteed specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: Without PCB copper enhancements. The maximum power dissipation must be de-rated at elevated temperatures and is limited by TJMAX (maximum junction
temperature),
θJ-A (junction to ambient thermal resistance) and TA (ambient temperature). The maximum power dissipation at any temperature is: PDissMAX = (TJMAX
−TA)/θJ-A up to the value listed in the Absolute Maximum Ratings. θJ-A for SOT23-5 package is 220˚C/W, TJMAX = 125˚C.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged di-
rectly into each pin.
Note 4: Typical numbers are at 25˚C and represent the most likely parametric norm.
Note 5: Limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate National’s Average Outgoing Quality Level (AOQL).
Note 6: Temperature coefficient is measured by the
″Box″ method; i.e., the maximum ∆VREF is divided by the maximum ∆T.
Note 7: Long term stability is VREF @25˚C measured during 1000 hrs.
Note 8: Thermal hysteresis is defined as the change in +25˚C output voltage before and after cycling the device from −40˚C to 125˚C.
Note 9: Dropout voltage is defined as the minimum input to output differential at which the output voltage drops by 0.5% below the value measured with a 5V input.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com