Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4130 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4130
Description  Precision Micropower Low Dropout Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4130 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4130 Datasheet HTML 1Page - National Semiconductor (TI) LM4130 Datasheet HTML 2Page - National Semiconductor (TI) LM4130 Datasheet HTML 3Page - National Semiconductor (TI) LM4130 Datasheet HTML 4Page - National Semiconductor (TI) LM4130 Datasheet HTML 5Page - National Semiconductor (TI) LM4130 Datasheet HTML 6Page - National Semiconductor (TI) LM4130 Datasheet HTML 7Page - National Semiconductor (TI) LM4130 Datasheet HTML 8Page - National Semiconductor (TI) LM4130 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Ordering Information
Industrial Temperature Range (−40˚C to + 85˚C)
Initial Output Voltage Accuracy at 25˚C
And Temperature Coefficient
LM4130 Supplied as
1000 Units, Tape and
Reel
LM4130 Supplied as
3000 Units, Tape and
Reel
Part Marking
0.05%, 10 ppm/˚C max (A grade)
LM4130AIM5-2.0
LM4130AIM5X-2.0
R02A
LM4130AIM5-2.5
LM4130AIM5X-2.5
R03A
LM4130AIM5-4.1
LM4130AIM5X-4.1
R04A
0.2%, 10 ppm/˚C max (B grade)
LM4130BIM5-2.0
LM4130BIM5X-2.0
R02B
LM4130BIM5-2.5
LM4130BIM5X-2.5
R03B
LM4130BIM5-4.1
LM4130BIM5X-4.1
R04B
0.1%, 20 ppm/˚C max (C grade)
LM4130CIM5-2.0
LM4130CIM5X-2.0
R02C
LM4130CIM5-2.5
LM4130CIM5X-2.5
R03C
LM4130CIM5-4.1
LM4130CIM5X-4.1
R04C
0.4%, 20 ppm/˚C max (D grade)
LM4130DIM5-2.0
LM4130DIM5X-2.0
R02D
LM4130DIM5-2.5
LM4130DIM5X-2.5
R03D
LM4130DIM5-4.1
LM4130DIM5X-4.1
R04D
0.5%, 30 ppm/˚C max (E grade)
LM4130EIM5-2.0
LM4130EIM5X-2.0
R02E
LM4130EIM5-2.5
LM4130EIM5X-2.5
R03E
LM4130EIM5-4.1
LM4130EIM5X-4.1
R04E
SOT23-5 Package Marking Information
Only four fields of marking are possible on the SOT23-5’s small surface. This
table gives the meaning of the four fields.
Field Information
First Field:
R = Reference
Second and Third Field:
02 = 2.048V Voltage Option
03 = 2.50V Voltage Option
04 = 4.096V Voltage Option
Fourth Field:
A-E = Initial Reference Voltage Tolerance and Temperature Coefficient
A = ±0.05%, 10ppm/˚C
B = ±0.2%, 10ppm/˚C
C = ±0.1%, 20ppm/˚C
D = ±0.4%, 20ppm/˚C
E = ±0.5%, 30ppm/˚C
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com