Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4130 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4130
Description  Precision Micropower Low Dropout Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4130 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4130 Datasheet HTML 1Page - National Semiconductor (TI) LM4130 Datasheet HTML 2Page - National Semiconductor (TI) LM4130 Datasheet HTML 3Page - National Semiconductor (TI) LM4130 Datasheet HTML 4Page - National Semiconductor (TI) LM4130 Datasheet HTML 5Page - National Semiconductor (TI) LM4130 Datasheet HTML 6Page - National Semiconductor (TI) LM4130 Datasheet HTML 7Page - National Semiconductor (TI) LM4130 Datasheet HTML 8Page - National Semiconductor (TI) LM4130 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM4130
Precision Micropower Low Dropout Voltage Reference
General Description
The LM4130 family of precision voltage references performs
comparable to the best laser-trimmed bipolar references, but
in cost effective CMOS technology. Key to this break through
is the use of EEPROM registers for correction of curvature,
tempco, and accuracy on a CMOS bandgap architecture that
allows package level programming to overcome assembly
shift. The shifts in voltage accuracy and tempco during as-
sembly of die into plastic packages limit the accuracy of ref-
erences trimmed with laser techniques.
Unlike other LDO references, the LM4130 requires no output
capacitor. Neither is a buffer amplifier required, even with
loads up to 20mA. These advantages and the SOT23 pack-
aging are important for cost-critical and space-critical appli-
cations.
Series references provide lower power consumption than
shunt references, since they don’t have to idle the maximum
possible load current under no load conditions. This advan-
tage, the low quiescent current (75µA), and the low dropout
voltage(275mV) make the LM4130 ideal for battery-powered
solutions.
The LM4130 is available in five grades (A, B, C, D and E) for
greater flexibility. The best grade devices (A) have an initial
accuracy of 0.05% with guaranteed temperature coefficient
of 10ppm/˚C or less, while the lowest grade parts (E) have
an initial accuracy of 0.5% and a tempco of 30ppm/˚C.
Features
n Small SOT23-5 package
n High output voltage accuracy
0.05%
n Low Temperature Coefficient
10 ppm/˚C
n Stable with capacitive loads to 100µF
n Low dropout voltage
≤275 mV @ 10 mA
n Supply Current
≤75 µA
n Full accuracy
−40˚C to 85˚C
n Extended operation to 125˚C
n Excellent load and line regulation
n Output current
20 mA
n Output impedance
< 1
Ω
n Voltage options:
2.048V, 2.500V, and 4.096V
Applications Summary
n Portable, battery powered equipment
n Instrumentation and process control
n Automotive & Industrial
n Test equipment
n Data acquisition systems
n Precision regulators
n Battery chargers
n Base stations
n Communications
n Medical equipment
n Servo systems
Connection Diagram and Pin Configuration
DS101046-1
*Optional, Recommended for improved transient response and
input noise reduction.
(See Application Information)
DS101046-2
Refer to the Ordering Information Table in this Data Sheet for Specific Part
Number
SOT23-5 Surface Mount Package
November 1999
© 1999 National Semiconductor Corporation
DS101046
www.national.com


Similar Part No. - LM4130

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
LM413-155.52M CONNOR-WINFIELD-LM413-155.52M Datasheet
138Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
SOT-23 Precision Low Dropout Voltage Reference
LM4132 NSC-LM4132 Datasheet
1Mb / 20P
SOT-23 Precision Low Dropout Voltage Reference
logo
Texas Instruments
LM4132 TI-LM4132 Datasheet
1Mb / 38P
LM4132 SOT-23 Precision Low Dropout Voltage Reference
LM4132 TI1-LM4132 Datasheet
1Mb / 41P
Precision Low Dropout Voltage Reference
More results

Similar Description - LM4130

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
Precision Micropower Low Dropout Voltage Reference
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
Precision Micropower Low Dropout Voltage Reference
logo
Maxim Integrated Produc...
MAX6034 MAXIM-MAX6034 Datasheet
322Kb / 13P
Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
Rev 0; 4/02
logo
National Semiconductor ...
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
Precision Micropower Low Dropout Voltage Reference
logo
Linear Technology
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
Micropower Precision Low Dropout Series Voltage Reference Family
logo
Texas Instruments
LM4120 TI-LM4120_15 Datasheet
1Mb / 26P
LM4120 Precision Micropower Low Dropout Voltage Reference
LM4121 TI-LM4121_15 Datasheet
1Mb / 22P
LM4121 Precision Micropower Low Dropout Voltage Reference
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
Precision Micropower Low Dropout Voltage Reference
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com