Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4130 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4130
Description  Precision Micropower Low Dropout Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4130 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM4130 Datasheet HTML 4Page - National Semiconductor (TI) LM4130 Datasheet HTML 5Page - National Semiconductor (TI) LM4130 Datasheet HTML 6Page - National Semiconductor (TI) LM4130 Datasheet HTML 7Page - National Semiconductor (TI) LM4130 Datasheet HTML 8Page - National Semiconductor (TI) LM4130 Datasheet HTML 9Page - National Semiconductor (TI) LM4130 Datasheet HTML 10Page - National Semiconductor (TI) LM4130 Datasheet HTML 11Page - National Semiconductor (TI) LM4130 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Typical Application Circuits
(Continued)
Precision Regulator with Current Limiting Circuit
DS101046-11
Low Cost Higher Output
Current Circuit
DS101046-12
* Select R1 to deliver 80% of typical load current. The LM4130 then will
source as necessary, up to 20mA, to maintain the output regulation. Care
must be taken not to remove the load as the output will be driven to the
rail. This approach will effect line regulation.
Supply Splitter
DS101046-13
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com