Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4130 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4130
Description  Precision Micropower Low Dropout Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4130 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4130 Datasheet HTML 4Page - National Semiconductor (TI) LM4130 Datasheet HTML 5Page - National Semiconductor (TI) LM4130 Datasheet HTML 6Page - National Semiconductor (TI) LM4130 Datasheet HTML 7Page - National Semiconductor (TI) LM4130 Datasheet HTML 8Page - National Semiconductor (TI) LM4130 Datasheet HTML 9Page - National Semiconductor (TI) LM4130 Datasheet HTML 10Page - National Semiconductor (TI) LM4130 Datasheet HTML 11Page - National Semiconductor (TI) LM4130 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Pin Functions
V
REF (Pin 5): Reference Output. The output of the LM4130
can source up to 20 mA. It is stable with output capacitor
ranges from 0 to 100 µF.
V
IN (Pin 4):Positive Supply. Bypassing with a 0.1µF capaci-
tor is recommended if the output loading changes or input is
noisy.
Ground (Pin 2):Negative Supply or Ground Connection.
NC (Pins 1, 3):No Connection (internally terminated). These
pins must be left unconnected.
Application Information
Output Capacitor
The LM4130 is designed to operate with or without an output
capacitor and is stable with capacitive loads of up to 100µF.
Connecting a capacitor between the output and ground will
significantly improve the load transient response when
switching from a light load to a heavy load. However, the out-
put capacitor should not be made arbitrarily large because it
will effect the turn-on time as well as line and load transients.
Input Capacitor
A small 0.1µF capacitor on the input significantly improves
stability under a wide range of load conditions. With an input
bypass capacitor, the LM4130 will drive any combination of
resistance and capacitance up to V
REF/20mA and 100µF re-
spectively.
Noise on the power-supply input can effect the output noise,
but it can be reduced by using an optional bypass capacitor
between the input pin and the ground.
Printed Circuit Board Layout Consideration
References in SOT packages are generally less prone to as-
sembly stress than devices in Small Outline (SOIC) pack-
age.
To minimize the mechanical stress due to PC board mount-
ing that can cause the output voltage to shift from its initial
value, mount the reference on a low flex area of the PC
board, such as near the edge or a corner.
Typical Application Circuits
Precision High Current Low Droput Regulator
DS101046-4
Voltage Reference with Complimentary Output
DS101046-6
Precision High Current Low Droput Regulator
DS101046-7
Precision Voltage Reference
with Force and Sense Output
DS101046-9
Programmable Current Source
DS101046-10
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com