Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3928 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3928
Description  High Speed Bi-Directional Level Shifter and Ultra Low-Dropout CMOS Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3928 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP3928 Datasheet HTML 1Page - National Semiconductor (TI) LP3928 Datasheet HTML 2Page - National Semiconductor (TI) LP3928 Datasheet HTML 3Page - National Semiconductor (TI) LP3928 Datasheet HTML 4Page - National Semiconductor (TI) LP3928 Datasheet HTML 5Page - National Semiconductor (TI) LP3928 Datasheet HTML 6Page - National Semiconductor (TI) LP3928 Datasheet HTML 7Page - National Semiconductor (TI) LP3928 Datasheet HTML 8Page - National Semiconductor (TI) LP3928 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Package Outline and Connection Diagrams
20039103
Bottom View
16 Bump micro SMD Package
See NSC Package Number TLA16AAA
20039104
Note: The actual physical placement of the package marking will vary from
part to part. The package marking “XY” will designate the date code, “TT” is
a NSC internal code for die traceability. Both will vary considerably. L8B
identifies the device.
Top View
Pin Description
Pin Name
micro SMD
Bump Identifier
Logic Level
Function
A1
C4
1.8V
1.8V I/O Channel, (Note 1)
A2
D4
1.8V
1.8V I/O Channel, (Note 1)
A3
D3
1.8V
1.8V I/O Channel, (Note 1)
B1
C1
2.85V
2.85V I/O Channel, (Note 1)
B2
D1
2.85V
2.85V I/O Channel, (Note 1)
B3
D2
2.85V
2.85V I/O Channel, (Note 1)
DIR1
B3
1.8V
Direction control input Channel 1: ‘1’: A
→B; 0; B→A
DIR2
B2
1.8V
Direction control input Channel 2: ‘1’: A
→B; 0; B→A
DIR3
C3
1.8V
Direction control input Channel 3: ‘1’: A
→B; 0; B→A
V
CCA
B4
IC supply to the 1.8V side
V
CCB
B1
IC supply, 2.85V output from LDO
V
BAT
A1
LDO supply, Battery voltage
GND
A3
Power ground connection
EN1
A4
1.8V
Mode pin 1, see Table 1 for modes and settings
EN2
A2
1.8V
Mode pin 2, see Table 1 for modes and settings
LatchClk
C2
2.85V
Clock input: rising edge latches B inputs (DIR=0, normal mode)
Note 1: Pin pairs A1–B1, A2–B2 and A3–B3 form 3 independent bi-directional level-shifting channels.
TABLE 1. Operation Modes
Inputs
State
EN1
EN2
0
0
Level shifter off: High Z state on A
1–A3,B1–B3, LDO off
0
1
Level shifter off: High Z state on A
1–A3,B1–B3, LDO on
1
0
Latch bypassed in B to A direction, LDO=on (Note 2)
1
1
ON, normal mode (latch active)
Note 2: LatchClk is not used here. It should not be left floating.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com