Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3928 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3928
Description  High Speed Bi-Directional Level Shifter and Ultra Low-Dropout CMOS Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3928 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3928 Datasheet HTML 1Page - National Semiconductor (TI) LP3928 Datasheet HTML 2Page - National Semiconductor (TI) LP3928 Datasheet HTML 3Page - National Semiconductor (TI) LP3928 Datasheet HTML 4Page - National Semiconductor (TI) LP3928 Datasheet HTML 5Page - National Semiconductor (TI) LP3928 Datasheet HTML 6Page - National Semiconductor (TI) LP3928 Datasheet HTML 7Page - National Semiconductor (TI) LP3928 Datasheet HTML 8Page - National Semiconductor (TI) LP3928 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LP3928
High Speed Bi-Directional Level Shifter and Ultra
Low-Dropout CMOS Voltage Regulator
General Description
The LP3928 is designed for portable and wireless applica-
tions with demanding performance and space requirements.
The LP3928 provides level shifting and power conversion
needed for applications interfacing differing voltage levels.
The part contains a bi-directional level shifter for three sig-
nals to translate the levels between 1.8V and 2.85V and an
ultra low-dropout CMOS 2.85V voltage regulator.
The three level shifted signals are individually direction con-
trolled. Signals going from 2.85V to 1.8V can also be latched
using an external clock source. The latches are powered
from internal 2.85V. There is also an option to by-pass the
latches.
The built-in low-dropout voltage regulator is ideal for mobile
phone and battery powered wireless applications. It provides
up to 150 mA from a 3.05V to 6.0V input, and is character-
ized by extremely low dropout voltage, low quiescent current
and low output noise voltage. It is stable with small 1.5 µF
±30% ceramic and high quality tantalum output capacitors,
requiring smallest possible PC board area.
A shutdown mode is available for the level shifters and the
regulator. High performance is achieved over various load
conditions with very low rise and fall times.
Key Specifications
Level Shifter:
n
4 ns propagation delay (typ.)
n
2 ns rise and fall times (typ.)
n
20 ns direction switch response time
n
2 µA input/output leakage current
Low-Dropout Regulator:
n
3.05V to 6.0V input range
n
150 mA guaranteed output
n
Fast Turn-On time: 200 µs (typ.)
n
100 mV maximum dropout with 150 mA load
Features
n
Ultra small micro SMD package
n
Bi-directional level-shifter for three individual signals:
1.8V to 2.85V and 2.85V to 1.8V signal level translation
n
Logic controlled enable pins: 4 different operation
modes
n
LDO stable with ceramic and high quality tantalum
capacitors
n
Thermal shutdown
Applications
n
Multi-Media Cards for Cellular Phones
n
SD Cards for Cellular Handsets
n
Logic Level Translation
n
Portable Information Appliances
October 2002
© 2002 National Semiconductor Corporation
DS200391
www.national.com


Similar Part No. - LP3928

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3921 NSC-LP3921 Datasheet
1Mb / 34P
Battery Charger Management and Regulator Unit with Integrated Boomer짰 Audio Amplifier
logo
Texas Instruments
LP3921 TI1-LP3921 Datasheet
1,013Kb / 41P
Battery Charger Management and Regulator Unit
LP3921 TI2-LP3921 Datasheet
1Mb / 44P
LP3921 Battery Charger Management and Regulator Unit with Integrated Boomer™ Audio Amplifier
REVISED MAY 2013
logo
National Semiconductor ...
LP3921SQ NSC-LP3921SQ Datasheet
1Mb / 34P
Battery Charger Management and Regulator Unit with Integrated Boomer짰 Audio Amplifier
logo
Texas Instruments
LP3921SQ/NOPB TI1-LP3921SQ/NOPB Datasheet
1,013Kb / 41P
Battery Charger Management and Regulator Unit
More results

Similar Description - LP3928

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD40109BMS INTERSIL-CD40109BMS Datasheet
76Kb / 9P
CMOS Quad Low-to-High Voltage Level Shifter
December 1992
logo
National Semiconductor ...
LP3929 NSC-LP3929 Datasheet
612Kb / 12P
High Speed Bi-Directional Level Shifter and Ultra Low-Dropout CMOS Voltage Regulator and Line
logo
Seiko Instruments Inc
S-1112 SII-S-1112 Datasheet
388Kb / 29P
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Intersil Corporation
LP3929 INTERSIL-LP3929 Datasheet
327Kb / 14P
High Speed Bi-Directional Level Shifter and Ultra Low-Dropout CMOS Voltage Regulator and Line Protection
December 14, 2007
logo
Seiko Instruments Inc
S-1167 SII-S-1167 Datasheet
474Kb / 31P
ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1206 SII-S-1206 Datasheet
653Kb / 36P
ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Texas Instruments
CD40109BPWRE4 TI-CD40109BPWRE4 Datasheet
1Mb / 14P
CMOS Quad Low-to-high Voltage Level Shifter
logo
ABLIC Inc.
S-1167 ABLIC-S-1167 Datasheet
546Kb / 31P
ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
S-1206 ABLIC-S-1206 Datasheet
566Kb / 35P
ULTRA LOW CURRENT CONSUMPTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.2_02
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com