Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3928 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3928
Description  High Speed Bi-Directional Level Shifter and Ultra Low-Dropout CMOS Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3928 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LP3928 Datasheet HTML 3Page - National Semiconductor (TI) LP3928 Datasheet HTML 4Page - National Semiconductor (TI) LP3928 Datasheet HTML 5Page - National Semiconductor (TI) LP3928 Datasheet HTML 6Page - National Semiconductor (TI) LP3928 Datasheet HTML 7Page - National Semiconductor (TI) LP3928 Datasheet HTML 8Page - National Semiconductor (TI) LP3928 Datasheet HTML 9Page - National Semiconductor (TI) LP3928 Datasheet HTML 10Page - National Semiconductor (TI) LP3928 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Application Hints (Continued)
NO-LOAD STABILITY
The LDO of the LP3928 will remain stable and in regulation
with no external load connected to the LDO output V
CCB.
This is especially important in CMOS RAM keep-alive appli-
cations.
LEVEL SHIFTER DIRECTION CONTROL AND LATCH
CLOCK
The direction of the level shifter is set to Ax
→Bx by pulling
the DIRx pin to high. The direction of each of the three
channels can be set individually. In this mode a change at
the LatchClk pin has no effect.
A low at the DIRx pin sets the direction to Bx
→Ax. If EN2 is
set to high (enabling latch mode), a rising edge of LatchClk
will update Ax depending on the level at Bx. A falling edge of
LatchClk will not change Ax.
MICRO SMD ASSEMBLY
For assembly recommendations of micro SMD package
please refer to National Semiconductor Application Note
AN-1112.
MICRO SMD LIGHT SENSITIVITY
Exposing the micro SMD device to direct sunlight will cause
misoperation of the device. Light sources such as Halogen
lamps can effect electrical performance if brought near to the
device.
The wavelengths which have most detrimental effect are
reds and infra-reds, which means that the fluorescent light-
ing used inside most buildings has very little effect on per-
formance.
A micro SMD test board was brought to within 1 cm of a
fluorescent desk lamp and the effect on the regulated output
voltage was negligible, showing a deviation of less thanTBD
from nominal.
OPERATION MODES, EN1 AND EN2
The output of the LDO (V
CCB) is turned off and the level
shifter channels are set to a high Z state by pulling the
enable input pins EN1 and EN2 low.
EN1=0 and EN2=1 turns the LDO on and the level shifter
off.
EN1=1 and EN2=0 turns the LDO on and the latch of the
level shifter is bypassed in B to A direction. The Latch Clock
is not used in this mode. The LatchClk pin should not be left
floating but actively terminated.
EN1=1 and EN2=1 turns the LDO on and activates the latch
in B to A direction.
To assure proper operation, the signal source used to drive
the EN input pins must be able to swing above and below the
specified turn-on/off voltage thresholds listed in the Electrical
Characteristics section under Level Shifter DC Voltage Lev-
els.
Both pins, EN1 and EN2 must be actively terminated.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com