Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3928 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3928
Description  High Speed Bi-Directional Level Shifter and Ultra Low-Dropout CMOS Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3928 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LP3928 Datasheet HTML 3Page - National Semiconductor (TI) LP3928 Datasheet HTML 4Page - National Semiconductor (TI) LP3928 Datasheet HTML 5Page - National Semiconductor (TI) LP3928 Datasheet HTML 6Page - National Semiconductor (TI) LP3928 Datasheet HTML 7Page - National Semiconductor (TI) LP3928 Datasheet HTML 8Page - National Semiconductor (TI) LP3928 Datasheet HTML 9Page - National Semiconductor (TI) LP3928 Datasheet HTML 10Page - National Semiconductor (TI) LP3928 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Note 16: This is the static current consumption from VCCA for the part common to the channels.
Note 17: Only ICCBTOTAL for DIR1=DIR2=DIR3=H and ICCATOTAL for DIR1=DIR2=DIR3=L will be tested in production.
Calculation example: assuming DIR1=H, DIR2=L, DIR3=L, then the typical ICCB current will be:
I
CCBTOTAL =IBCOM +ICHA
→B +2 * ICHB→A = 450 µA + 530 µA + 2 * 2 µA = 984 µA
The typical ICCA current is: ICCATOTAL =IA = 90 µA.
Note 18: This is the time it takes either to switch the level shifter on or off, or the time it takes to turn the latch by-pass on/off.
Note 19: This is the time it takes to switch the direction of the level shifter. After this time a signal can be applied on the new input. For the B
→A direction, if EN2=1,
the latch set-up time has to be considered separately.
Note 20: The output voltage changes slightly with line voltage. An increase in the line voltage results in a slight increase in the output voltage and vice versa.
Note 21: The output voltage changes slightly with load current. An increase in the load current results in a slight decrease in the output voltage and vice versa.
Note 22: Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its normal value. This specification does not apply
for input voltages below 2.7V.
Note 23: Turn-on time is that between the enable input just exceeding VIH and the output voltage just reaching 95% of its nominal value.
Note 24: Range of capacitor values for which the device will remain stable. This electrical specification is guaranteed by design.
Note 25: Range of capacitor ESR values for which the device will remain stable. This electrical specification is guaranteed by design.
Note 26: The built-in thermal shut-down of the LDO is also used to put all Ai and Bi outputs in tristate mode.
Note 27: Additional information on lead temperature and pad temperature can be found in National Semiconductor Application Note (AN-1112).
Note 28: Unused inputs must be terminated.
Note 29: This electrical specification is guaranteed by design.
Typical Performance Characteristics Unless otherwise specified: C
VBAT = 1 µF, CVCCA = 1 µF,
C
VCCB = 1 µF, VBAT = 3.3V, VCCA = 1.8V, TA = 25˚C.
Level Shifter Propagation Delay A
→B
Level Shifter Propagation Delay B
→A
20039109
20039110
20039106
FIGURE 1. Output AC Line Regulation
20039107
FIGURE 2. PSRR Input Perturbation
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com